Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106980 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 106980
Description  TRIO-PS-2G/1AC/12DC/10
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106980 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 106980 Datasheet HTML 2Page - PHOENIX CONTACT 106980 Datasheet HTML 3Page - PHOENIX CONTACT 106980 Datasheet HTML 4Page - PHOENIX CONTACT 106980 Datasheet HTML 5Page - PHOENIX CONTACT 106980 Datasheet HTML 6Page - PHOENIX CONTACT 106980 Datasheet HTML 7Page - PHOENIX CONTACT 106980 Datasheet HTML 8Page - PHOENIX CONTACT 106980 Datasheet HTML 9Page - PHOENIX CONTACT 106980 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TRIO-PS-2G/1AC/12DC/10
106980_en_00
PHOENIX CONTACT
6 / 25
POWER factor
120 V AC
230 V AC
> 0.6
> 0.5
Input connection data
Connection method
Push-in connection
Conductor cross section, solid
0.2 mm² ... 4 mm²
Conductor cross section, flexible
0.2 mm² ... 2.5 mm²
Stranded conductor cross section with ferrule
0.2 mm² ... 2.5 mm²
Cross section AWG
24 ... 12
Stripping length
10 mm
Output data
Nominal output voltage (U
N)12 V DC ±1 %
Setting range of the output voltage (U
Set) ( > 12 V DC,
constant capacity restricted )
12 V DC ... 18 V DC
Nominal output current (I
N)10 A
Dynamic Boost (I
Dyn.Boost)
15 A (5 s)
Short-circuit current
< 12 A DC (Permanent)
Control deviation change in load, static 10 % ... 90 %
< 1 %
Control deviation Dynamic load change 10 % ... 90 %, 10
Hz
< 3 %
Control deviation change in input voltage ±10 %
< 0.1 %
Short-circuit-proof
yes
No-load proof
yes
Residual ripple ( with nominal values )
< 20 mV
PP
Peak switching voltages
< 20 mV
PP
Connection in parallel
Yes, for redundancy and increased capacity
Connection in series
yes
Feedback resistance
≤ 25 V DC
Circuit breaker against surge voltage at output by invasive
foreign matter
≤ 25 V DC
Rise time typical
20 ms (U
OUT (10 % ... 90 %))
Output connection data
Connection method
Push-in connection
Conductor cross section, solid
0.2 mm² ... 4 mm²
Conductor cross section, flexible
0.2 mm² ... 2.5 mm²
Stranded conductor cross section with ferrule
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 12
Stripping length
8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com