Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTG Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-HTG Datasheet HTML 1Page - IC-Haus GmbH IC-HTG Datasheet HTML 2Page - IC-Haus GmbH IC-HTG Datasheet HTML 3Page - IC-Haus GmbH IC-HTG Datasheet HTML 4Page - IC-Haus GmbH IC-HTG Datasheet HTML 5Page - IC-Haus GmbH IC-HTG Datasheet HTML 6Page - IC-Haus GmbH IC-HTG Datasheet HTML 7Page - IC-Haus GmbH IC-HTG Datasheet HTML 8Page - IC-Haus GmbH IC-HTG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 4/40
PACKAGING INFORMATION QFN24 4 mm x 4 mm to JEDEC
PIN CONFIGURATION QFN24 4 mm x 4 mm
(topview)
1
2
3
4
5
6
7 8 9 10 11 12
13
14
15
16
17
18
19
20
21
22
23
24
TP
PIN FUNCTIONS
No. Name
Function
1 NCHK
Check output, active low
2 NSTBY
Standby input, active low
3 NCS/A1
Chip Select, active low / I2C Ad-
dress bit 1
4 ID
I2C address bit 2
5 EC
Enable Channel input
6 MOSI/A0
SPI Master Out Slave In / I2C Ad-
dress Bit 0
7 SCLK/SCL SPI Clock / I2C Clock
8 MISO/SDA SPI Master In Slave OUT / I2C Data
9 ANIN
Analog input for ADC
10 MCH
Current monitor high side
11 MCL
Current monitor low side
12 MOD
Analog modulation
13 CI
Integration Capacitor high side
14 CIL
Integration Capacitor low side
15 VRN
N transistor regulation
16 VRP
P transistor regulation
17 VBL
Channel supply
18 MD
Monitor diode
19 MR
Monitor resistor
20 GND
Ground
21 DCO
DC/DC converter trimmer
22 INS
I2C or SPI selection input
23 VDD
3.3 V output supply
24 VB
Power supply
BP(TP)
Backside Paddle (GND) 1)
IC top marking: <P-CODE> = product code, <A-CODE> = assembly code (subject to changes).
1) Connecting the backside paddle is recommended by a single link to GND. A current flow across the paddle is not permissible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com