Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTG Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 4Page - IC-Haus GmbH IC-HTG Datasheet HTML 5Page - IC-Haus GmbH IC-HTG Datasheet HTML 6Page - IC-Haus GmbH IC-HTG Datasheet HTML 7Page - IC-Haus GmbH IC-HTG Datasheet HTML 8Page - IC-Haus GmbH IC-HTG Datasheet HTML 9Page - IC-Haus GmbH IC-HTG Datasheet HTML 10Page - IC-Haus GmbH IC-HTG Datasheet HTML 11Page - IC-Haus GmbH IC-HTG Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 8/40
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 3 . . . 24 V (relative to GND), Tj = -40 . . . 125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
203 ∆ R
Resistor increment
∆
R = R(n+1)−R(n)
R(n)
1
3.3
7
%
204 Ileak(MDA) MD, MR leakage current
DISP = 1
-2
2
µA
D/A Converter
301 RES(DAC) D/A Converter Resolution
10
bit
302 ∆ V
Voltage increments
∆
V = V(n+1)−V(n)
V(n)
0.05
0.235
1
%
303 V(DAC)
D/A Converter
REF(9:0) = 0x000 lowest value
0.09
0.10
0.12
V
REF(9:0) = 0x3FF highest value
1.00
1.10
1.25
V
304 V(REF)
D/A Converter
V(MOD)=1.1V, Analog Modulation Enabled
REF(9:0) = 0x000 lowest value
0.09
0.10
0.12
V
REF(9:0) = 0x3FF highest value
1.00
1.10
1.25
V
305 G()
Gain Factor
ACC mode
CGAIN(1:0) = 00
1.5
2
2.5
CGAIN(1:0) = 01
3
5
7
CGAIN(1:0) = 10
7
10
13
CGAIN(1:0) = 11
43
50
57
Check Output NCHK
401 Vs()lo
Saturation Voltage lo at NCHK
I(NCHK) = 1.0 mA
0.4
V
402 Isc()lo
Short Circuit Current lo at NCHK V(NCHK) = 0.4 . . . 3.3 V
9
33
mA
403 Ilk()
Leakage Current at NCHK
NCHK = 1;
V(NCHK) = 0 . . . 5.5 V
-10
10
µA
Series Regulator Output VDD
501 V(VDD)
Regulated output voltage
I(VDD) = -10 . . . 0 mA
NSTBY = hi
3
3.5
V
502 V(VB,VDD) Voltage Drop between VB and
VDD
VB=3 V , I(VDD) = -10 . . . 0 mA
NSTBY = hi
300
630
mV
503 C(VDD)
Capacitor at VDD
Ri(C) < 1 Ω
1
3.3
µF
504 Tvdd
Settling time VDD
NSTBY lo → hi, no load at VDD,
V(VDD) 0 to 90 %
CVDD = 1 µF
1
ms
505 Isc(VDD)
Short circuit current at VDD
VDD Connected to GND
-125
mA
Digital inputs/output NCS/A1, MISO/SDA, MOSI/A0, SCLK/SCL, ID, NSTBY, EC, ANIN
601 Vt()hi
Input Threshold Voltage hi at
NCS/A1, MISO/SDA, MOSI/A0,
SCLK/SCL, ID, NSTBY, EC,
ANIN
MISO/SDA as input with INS = hi
2
V
602 Vt()lo
Input Threshold Voltage lo at
NCS/A1, MISO/SDA, MOSI/A0,
SCLK/SCL, ID, NSTBY, ANIN,
EC, ANIN
MISO/SDA as input with INS = hi
0.7
V
603 Vt()hys
Hysteresis at NCS/A1,
MISO/SDA, MOSI/A0,
SCLK/SCL, ID, NSTBY, ANIN,
EC
Vt()hys = Vt()hi - Vt()lo
50
mV
604 Ipd()
Pull-Down Current at MOSI/A0,
EC
V() = 0.4 V . . . VDD
1
50
µA
605 Ipd()
Dynamic Pull-Down Current at
NSTBY
V() = 0.4 V . . . Vt()hi
2
50
µA
V() = Vt(hi) . . . VB
1
15
µA
606 Rpu()
Pull-Up Resistor at NCS/A1,
SCLK/SCL
80
150
260
kΩ
607 Rpu()
Pull-Up Resistor at MISO/SDA
INS = lo
8
20
50
kΩ
INS = hi
53
100
174
kΩ
608 Er()
Safe enable threshold voltage at
INS
Rising
52
54
56
% VDD
Falling
30
32
34
% VDD
609 Voc()
Open Circuit Voltage at INS
39
41
43
% VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com