Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTG Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 9Page - IC-Haus GmbH IC-HTG Datasheet HTML 10Page - IC-Haus GmbH IC-HTG Datasheet HTML 11Page - IC-Haus GmbH IC-HTG Datasheet HTML 12Page - IC-Haus GmbH IC-HTG Datasheet HTML 13Page - IC-Haus GmbH IC-HTG Datasheet HTML 14Page - IC-Haus GmbH IC-HTG Datasheet HTML 15Page - IC-Haus GmbH IC-HTG Datasheet HTML 16Page - IC-Haus GmbH IC-HTG Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 13/40
CONTROL MODES AND LASER DIODE/LED TYPES
The iC-HTG has no integrated driver transistor. Ex-
ternal power transistor (P-channel or N-channel) can
be driven, connecting the gate of the transistor to pins
VRP or VRN. Another possibility is to control a DC/DC
converter directly, providing the best power efficiency.
The on-chip regulator has an offset-cancelling feature,
which can be controlled with register bit EOC (see table
below).
EOC
Addr. 0x10; bit 4
R/W 1
0
Regulator offset compensation disabled
1
Regulator offset compensation enabled
Table 9: Enable offset compensation
The iC-HTG can be configured in two main control
modes: laser power control (APC) and laser current
control (ACC). The control mode is selected by setting
EACC register bit.
EACC
Addr. 0x10; bit 0
R/W 0
0
APC mode enabled (laser power control)
1
ACC mode enabled (laser current control)
Table 10: Select APC or ACC
CI capacitor
For most applications, a CI capacitor of at least 220 pF
is recommended in order to ensure the stability of the
regulation. The exact amount of capacitance needed
depends on many factors such as PCB layout, output
transistor, laser diode, and current range. The CI ca-
pacitor can be used in APC and ACC.
ACC mode
In ACC mode, the laser current is controlled. ACC
mode is selected by setting EACC register bit to ’1’. In
this mode, an external shunt resistor (RMC) is used
to monitor the laser diode current. The voltage drop
across this shunt resistor serves as feedback to the
laser current control loop. To insert the current voltage
drop in the control loop, both pins of the shunt resistor
must be connected to the pins MCH and MCL. The volt-
age drop MCx = V(MCH)-V(MCL) needs to be positive.
This voltage drop is internally amplified by a factor of
2, 5, 10 or 50. This factor can be selected using the
register CGAIN(1:0). The resistor has to be chosen
so that the value of the voltage drop multiplied by the
amplification factor does not exceed the higher value
of the reference generated with the 10-bit logarithmic
D/A converter. This value is typically 1 V. More about
this is on page 20
CGAIN(1:0)
Addr. 0x15; bit 7:6
R/W 00
00
Amplification set to x2
01
Amplification set to x5
10
Amplification set to x10
11
Amplification set to x50
Table 11: MCx voltage drop amplification
Depending on the output configuration and the position
of RMC in the current path, the voltage between pins
MCH and MCL will be in between 0 and 5 V or in the
range from VBL - 5 V to VBL. The MCx voltage range
can be set with the register bit MCVR.
MCVR
Addr. 0x13; bit 2
R/W 0
0
MCx Voltage Range is 0 to 5V
1
MCx Voltage Range is VBL-5V to VBL
Table 12: MCx voltage range
In ACC mode, the register EPNNP is ignored.
Some examples of connecting RMC using N-channel
and P-channel transistor are shown in Figure 3.
-
+
+
-
CURRENTCHANNEL
CURRENTCHANNEL
LASERREGULATOR
LASERREGULATOR
POWERCHANNEL
POWERCHANNEL
x5,x10,x50
x5,x10,x50
..VBL-5V
ANIN
RMC
DCO
RMC
MCH
DCO
DCO
DCO
MCH
ANIN
MCL
MCL
VRN
VRP
VRN
VRP
8Bit
8Bit
VBL
VBL
VBL
VBL
..5V
255
255
+
CI
+
CI
MD
MD
MR
CIL
CIL
MR
-
-
CI
CI
CI
CI
R
R
+
+
0
+
+
+
+
0
-
-
-
-
-
-
VRN
CI
VBL
DCO
VRN
+
DCO
ANIN
MCL
VBL
VRP
MD
MCH
ANIN
MR
MR
-
MCL
CIL
MD
MCH
-
+
VRP
CI
CIL
VBL
VBL
Figure 3: Operation in ACC mode with N-channel
or P-channel output transistor. EACC=1,
MCVR=0 and MCVR=1
By using the output transistor like in Figure 3, as a
source follower, the system has increased stability, and
the CI capacitor can be smaller. This is recommended
for analog modulation with pin MOD. There are many
other configurations possible depending on laser type,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com