Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTG Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-HTG Datasheet HTML 1Page - IC-Haus GmbH IC-HTG Datasheet HTML 2Page - IC-Haus GmbH IC-HTG Datasheet HTML 3Page - IC-Haus GmbH IC-HTG Datasheet HTML 4Page - IC-Haus GmbH IC-HTG Datasheet HTML 5Page - IC-Haus GmbH IC-HTG Datasheet HTML 6Page - IC-Haus GmbH IC-HTG Datasheet HTML 7Page - IC-Haus GmbH IC-HTG Datasheet HTML 8Page - IC-Haus GmbH IC-HTG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 3/40
CONTENTS
PACKAGING INFORMATION
4
PIN CONFIGURATION QFN24 4 mm x 4 mm
(topview) . . . . . . . . . . . . . . . . .
4
PACKAGE DIMENSIONS QFN24-4x4 . . . .
5
ABSOLUTE MAXIMUM RATINGS
6
THERMAL DATA
6
ELECTRICAL CHARACTERISTICS
7
OPERATING REQUIREMENTS
10
SPI and I2C Interface . . . . . . . . . . . . .
10
STANDBY
11
OPERATION MODE
11
Laser enabling and error handling . . . . . .
11
CONTROL MODES AND LASER DIODE/LED
TYPES
13
CI capacitor . . . . . . . . . . . . . . . . . . .
13
ACC mode . . . . . . . . . . . . . . . . . . .
13
ACC mode monitoring the optical power . . .
14
APC mode . . . . . . . . . . . . . . . . . . .
14
APC mode monitoring the laser current . . .
15
Other functions . . . . . . . . . . . . . . . . .
15
OVERCURRENT MONITOR
16
WATCHDOG TIMER
16
SERIAL COMMUNICATION INTERFACES
17
Communication modes . . . . . . . . . . . .
17
SPI slave interface . . . . . . . . . . . . . . .
17
I2C slave interface . . . . . . . . . . . . . . .
17
8-BIT INTERNAL PROGRAMMABLE
LOGARITHMIC MONITOR RESISTORS
19
10-BIT LOGARITHMIC D/A CONVERTER
20
10-BIT LINEAR A/D CONVERTER
21
ANIN GENERAL PURPOSE IO PIN
22
DC/DC CONVERTER OPTIMIZATION
23
DC/DC step down operation:
regulation at voltages lower than power
supply . . . . . . . . . . . . . . . . . . .
23
DC/DC step up operation: regulation at
voltages higher than power supply . . .
24
Extension of system working voltage range .
24
Efficiency enhancement . . . . . . . . . . . .
24
ANALOG MODULATION
25
Setting Current Modulation . . . . . . . . . .
25
TEMPERATURE MONITOR AND PROTECTION 27
CONFIGURATION MODE AND MEMORY
INTEGRITY MONITOR
28
Register map description . . . . . . . . . . .
28
Read-only registers with values or states . .
29
Configuration page (integrity monitored) . . .
29
Validation page . . . . . . . . . . . . . . . . .
29
Possible start-up sequence: . . . . . . . . . .
29
REGISTER OVERVIEW
30
PARAMETERS
31
Status . . . . . . . . . . . . . . . . . . . . . .
31
Channel configuration registers . . . . . . . .
33
EXAMPLES OF CONFIGURATION
35
ACC mode . . . . . . . . . . . . . . . . . . .
35
APC mode . . . . . . . . . . . . . . . . . . .
36
APC mode with current monitor or ACC mode
with optical power monitor . . . . . . . .
37
DESIGN REVIEW: Notes On Chip Functions
39
REVISION HISTORY
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com