Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTG Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 17Page - IC-Haus GmbH IC-HTG Datasheet HTML 18Page - IC-Haus GmbH IC-HTG Datasheet HTML 19Page - IC-Haus GmbH IC-HTG Datasheet HTML 20Page - IC-Haus GmbH IC-HTG Datasheet HTML 21Page - IC-Haus GmbH IC-HTG Datasheet HTML 22Page - IC-Haus GmbH IC-HTG Datasheet HTML 23Page - IC-Haus GmbH IC-HTG Datasheet HTML 24Page - IC-Haus GmbH IC-HTG Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 21/40
10-BIT LINEAR A/D CONVERTER
A 10-bit linear A/D converter is available for a variety
of voltages that can be measured with different resolu-
tions:
• V(VDD) up to 5.5 V with 8.6 mV resolution
• V(VBL) up to 30 V with 32.3 mV resolution
• V(VB) up to 30 V with 32.3 mV resolution
• V(MDL) internal voltage up to 1.1 V with 1.075 mV
resolution
• V(MC) internal voltage up to 1.1 V with 1.075 mV res-
olution
• V(VRN) up to 30 V with 32.3 mV resolution
• V(VRP) up to 30 V with 32.3 mV resolution
• V(ANIN) up to 1.1 V with 1.075 mV resolution
As described in block diagram on Page 1, the voltages
V(VDD), V(VBL), V(VB), V(VRN), V(VRP) and V(ANIN)
are th PIN Voltage directly. V(MC) is proportional to
the laser current value and is the voltage difference be-
tween pins MCH and MCL. (V(MC)=V(MCH)-V(MCL)).
The voltage V(MDL) is proportional to the optical laser
power (monitor current) and the value is the absolute
value of the difference between the pins MD and MR
(V(MDL)=|V(MD)-V(MR)|).
The register ADCC(2:0) select the signal measured with
the 10-bit A/D converter.
ADCC(2:0)
Addr. 0x10; bit 7:5
R/W 000
000
ADC sourced by V(VDD) ÷ 8 (3V .. 5.5V)
001
ADC sourced by V(VBL) ÷ 30 (3V .. 24V)
010
ADC sourced by V(VB) ÷ 30 (3V .. 24V)
011
ADC sourced by V(MDL) (0V .. 1.1V)
100
ADC sourced by V(MC) (0V .. 1.1V)
101
ADC sourced by V(VRN) ÷ 30 (0V .. 24V)
110
ADC sourced by V(VRP) ÷ 30 (0V .. 24V)
111
ADC sourced by V(ANIN) (0V .. 1.1V)
Table 30: ADC source selection
When enabled, the A/D converter continuously acquires
the signal selected by ADCC register. The conversion
time is 140 µs. Changing the source requires 500 µs
settling time.
The converter does not provide an end of conversion
(EOC) bit, the ADC(9:0) register always contains the
value of the last valid conversion.
As the A/D converter has a resolution of 10 bits, the
results are split into two, one byte wide, separate reg-
isters; ADCh contains ADC MSBs values while ADCl
stores the LSBs. A consecutive read of both registers
(lower and upper part) should be carried out in order
to prevent an undesired change in the measured value
between two read commands.
ADC(9:8)
Addr. 0x03; bit 1:0
R
ADC(7:0)
Addr. 0x04; bit 7:0
R
0x000
ADC minimum value
...
0x3FF
ADC maximum value
Table 31: ADC
The voltage corresponding to the measured digital
value can be directly obtained using the following for-
mula:
V(VBL, VB, VRP, VRN) = 30 ∗ VFS
1024 ∗ ADCx
V(VDD) = 8 ∗ VFS
1024 ∗ ADCx
V(MDL, MC, ANIN) = VFS
1024 ∗ ADCx
VFS is the full scale voltage of the A/D converter (cf.
Electrical Characteristics No. 706) typically 1.1 V. For
a more precise measurement, the A/D converter can
be calibrated by measuring a known VB voltage and
calculating the VFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com