Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTG Datasheet(PDF) 37 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 37 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 32Page - IC-Haus GmbH IC-HTG Datasheet HTML 33Page - IC-Haus GmbH IC-HTG Datasheet HTML 34Page - IC-Haus GmbH IC-HTG Datasheet HTML 35Page - IC-Haus GmbH IC-HTG Datasheet HTML 36Page - IC-Haus GmbH IC-HTG Datasheet HTML 37Page - IC-Haus GmbH IC-HTG Datasheet HTML 38Page - IC-Haus GmbH IC-HTG Datasheet HTML 39Page - IC-Haus GmbH IC-HTG Datasheet HTML 40Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 37/40
APC mode with current monitor or ACC mode with optical power monitor
N
N
N
N
+
-
-
+
+
-
+
-
CURRENTCHANNEL
CURRENTCHANNEL
CURRENTCHANNEL
CURRENTCHANNEL
LASERREGULATOR
LASERREGULATOR
LASERREGULATOR
LASERREGULATOR
POWERCHANNEL
POWERCHANNEL
POWERCHANNEL
POWERCHANNEL
x5,x10,x50
x5,x10,x50
x5,x10,x50
x5,x10,x50
..VBL.5V
..VBL.5V
RMC
DCO
MCH
DCO
MCH
DCO
RMC
ANIN
DCO
ANIN
DCO
DCO
DCO
ANIN
RMC
MCH
ANIN
MCH
RMC
DCO
MCL
MCL
MCL
MCL
VRP
VRN
VRN
VRP
VRP
VRN
VRN
VRP
8Bit
8Bit
8Bit
8Bit
VBL
VBL
VBL
VBL
VBL
VBL
VBL
VBL
..5V
..5V
255
255
255
255
CI
CI
+
+
+
CI
CI
+
MD
MD
MD
MD
CIL
MR
CIL
CIL
MR
MR
CIL
MR
-
-
-
-
CI
CI
CI
CI
CI
CI
CI
CI
R
R
N
N
N
R
N
R
+
+
0
0
+
+
+
+
+
+
+
+
0
0
+
+
-
-
-
-
-
-
-
-
-
-
-
-
MCH
ANIN
VRN
MR
CIL
-
VRP
MCL
VBL
VBL
MCL
VBL
DCO
MCH
CI
ANIN
VRP
VBL
VBL
DCO
VRP
MCH
CIL
MD
CIL
MCL
MD
CI
-
VRN
DCO
VBL
MD
MCH
DCO
VRN
VRP
CIL
ANIN
-
MD
ANIN
MR
CI
CI
VBL
+
+
+
VRN
-
+
MCL
MR
MR
VBL
Figure 27: iC-HTG with N-channel output transistor and N-type laser diode.
Register Figure 27.a Figure 27.b Figure 27.c Figure 27.d EACC ADCC
MCVR
1
1
0
0
1
011
EPNNP
0
0
0
0
0
100
Table 89: Configuration register for Figure 27
P
P
P
P
-
+
+
-
-
+
-
+
CURRENTCHANNEL
CURRENTCHANNEL
CURRENTCHANNEL
CURRENTCHANNEL
LASERREGULATOR
LASERREGULATOR
LASERREGULATOR
LASERREGULATOR
POWERCHANNEL
POWERCHANNEL
POWERCHANNEL
POWERCHANNEL
x5,x10,x50
x5,x10,x50
x5,x10,x50
x5,x10,x50
..VBL.5V
..VBL.5V
ANIN
ANIN
MCH
DCO
DCO
DCO
DCO
RMC
ANIN
RMC
DCO
DCO
DCO
RMC
ANIN
DCO
MCH
RMC
MCH
MCH
VDD
VDD
VDD
VDD
MCL
MCL
MCL
MCL
VRP
VRN
VRP
VRN
VRN
VRN
VRP
VRP
8Bit
8Bit
8Bit
8Bit
VBL
VBL
VBL
VBL
VBL
VBL
VBL
VBL
..5V
..5V
..5V
..5V
255
255
255
255
+
+
+
CI
CI
CI
+
CI
MD
MD
MD
MD
CIL
MR
MR
MR
CIL
MR
CIL
CIL
-
-
-
-
CI
CI
CI
CI
CI
CI
CI
CI
P
P
P
R
R
R
P
R
+
0
+
+
+
+
+
+
+
0
0
0
+
+
+
+
-
-
-
-
-
-
-
-
-
-
-
-
VBL
MCL
-
VBL
+
ANIN
CI
CI
VBL
ANIN
CIL
MCH
MD
MD
CIL
VBL
MR
MCH
DCO
-
MCH
VRN
MR
MCL
VRP
MD
+
MR
VRN
VBL
VDD
VRP
VRN
-
MCH
VRP
DCO
CIL
DCO
VBL
CI
-
ANIN
MD
CIL
VRP
MCL
MCL
VDD
VDD
+
VDD
VBL
CI
VRN
MR
ANIN
VBL
+
DCO
Figure 28: iC-HTG with N-channel output transistor and P-type laser diode
Register Figure 28.a Figure 28.b Figure 28.c Figure 28.d EACC ADCC
MCVR
1
1
0
0
1
011
EPNNP
1
1
1
1
0
100
Table 90: Configuration register for Figure 28
Note that in Figures 28.b and 28.c the VBL voltage is limited to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com