Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTG Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-HTG
Description  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-HTG Datasheet HTML 1Page - IC-Haus GmbH IC-HTG Datasheet HTML 2Page - IC-Haus GmbH IC-HTG Datasheet HTML 3Page - IC-Haus GmbH IC-HTG Datasheet HTML 4Page - IC-Haus GmbH IC-HTG Datasheet HTML 5Page - IC-Haus GmbH IC-HTG Datasheet HTML 6Page - IC-Haus GmbH IC-HTG Datasheet HTML 7Page - IC-Haus GmbH IC-HTG Datasheet HTML 8Page - IC-Haus GmbH IC-HTG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 2/40
DESCRIPTION
The CW power laser diode driver iC-HTG can oper-
ate an external laser or LED diode with an external
power transistor and has automatic current (ACC) and
power (APC) control functionality. All parameters, in-
cluding the internal reference voltages, are set via
serial communication (I2C or SPI). A 10-bit resolution
D/A converter with logarithmic characteristic is used
to set the operating point of the laser or LED. This
allows an operating point resolution better than 1%.
In APC mode, the monitor diode photocurrent is used
to track the optically emitted power of the laser diode.
The voltage present over a resistor through which the
photocurrent flows is used for feedback in the control
loop. An 8-bit internal programmable logarithmic mon-
itor resistor (PLR) or an external monitor resistor can
be selected to close the control loop. The PLR ranges
from 100 Ω to 500 kΩ with a step width of less than
5%. In ACC mode, the laser diode current can be
measured by means of a low impedance shunt resis-
tor. The output power can be analog modulated with
a frequency of up to 50 kHz. iC-HTG allows the laser
channel to be disabled when an overcurrent threshold
has been exceeded. The overcurrent threshold is pro-
grammable using an 8-bit linear D/A converter. The
temperature monitor measures the internal chip tem-
perature. iC-HTG disables the laser channel when
overtemperature is detected. A variety of voltages
can be measured with a 10-bit A/D converter. The
following voltages can be measured:
• V(VB)
• V(VBL)
• V(VDD)
• V(ANIN)
• V(MC)
• V(MDL)
• V(VRP)
• V(VRN)
The current output pin DCO can be used to adjust
an external DC/DC converter. Controlling the DC/DC
output voltage may optimize the power dissipation
of the whole system to extend battery life, for exam-
ple. In standby mode, iC-HTG has a very low current
consumption (typ. < 10 µA) while retaining its config-
uration. The device features for safe operation are:
• Configuration RAM content integrity monitored
• Tri-state configuration pins
• Write protection in operating mode
• Safe power-up state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com