Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9616PDYA Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 2 Page - uPI Group Inc.

  UP9616PDYA Datasheet HTML 1Page - uPI Group Inc. UP9616PDYA Datasheet HTML 2Page - uPI Group Inc. UP9616PDYA Datasheet HTML 3Page - uPI Group Inc. UP9616PDYA Datasheet HTML 4Page - uPI Group Inc. UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Conceptual
uP9616
2
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
BOOT
SENSE+
SENSE-
VIN=8V~32V
VOUT = 3.6V~12.1V
VIN
L1
22uH
GND
LX
C3
0.1uF
RSENSE
39m ohm
C5
0.1uF/16V
C2
1uF/50V
C1
100uF/50V
D-
D+
USB/FCP
C6
3.3nF
R1
3.3 ohm
C4
22uFx4/16V/X7R/MLCC
220uF/16V/ESR=90m ohm/EC
220uF/16V/ESR=25m ohm/OSCON
uP9616PDC8
Typical Application Circuit
BOOT
SENSE+
SENSE-
VIN=8V~32V
VIN
L1
22uH
GND
LX
C3
0.1uF
RSENSE
39m ohm
C5
0.1uF/16V
C2
1uF/50V
C1
100uF/50V
D-
D+
USB/FCP/QC
2.0 and 3.0
C6
3.3nF
R1
3.3 ohm
CC2
CC1
USB Type C
Detect
VOUT = 3.6V~12.1V
C4
22uFx4/16V/X7R/MLCC
220uF/16V/ESR=90m ohm/EC
220uF/16V/ESR=25m ohm/OSCON
uP9616PDYA
Certification: uP9616 is certified by Qualcomm®
and UL. Please refer to the information below
for verification:
Qualcomm Quick Charge is a product of
Qualcomm Technologies, Inc.
UL Certificate No. 47876554328-2 for uP9616
Series
http://www.qualcomm.com/documents/quick-
charge-device-list
Wide Input Voltage Range : 8V to 32V
Input Voltage Absolute Maximum Rating: 36V
Up to 3.3A Output Current
CV/CC Mode Control (Constant Voltage and
Constant Current)
Supports USB DCP Shorting D+ Line to D- Line
Per USB Battery Charging Sepecification BC 1.2
Supports USB DCP Applying 2.7V on D+ Line
and 2.7V on D- Line
Supports USB DCP Applying 1.2V on D+ Line
and D- Line
Features
Compliant with Apple
® and Samsung Devices
Internal QC2.0/QC3.0/PE+1.1/PE+2.0/FCP
Protocol and USB Type C
Wide Output Voltage Range: 3.6V to 12.1V
Output Voltage Accuracy: +1.5%
Fixed 125kHz Frequency Operation
Up to 95% Conversion Efficiency
Fixed Cable Compensation Voltage
Adjustable External CC (Constant Output
Current) Limit Setting: Default = 3.3A
CC (Constant Output Current) Limit Accurarcy:+3%
Short Circuit Protection
VIN/VOUT Over Voltage Protection and Over
Temperature Protections
VDFN6x5-8L and VDFN5x6-10L Packages
RoHS Compliant and Halogen Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com