Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9616PDYA Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP9616PDYA Datasheet HTML 4Page - uPI Group Inc. UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. UP9616PDYA Datasheet HTML 10Page - uPI Group Inc. UP9616PDYA Datasheet HTML 11Page - uPI Group Inc. UP9616PDYA Datasheet HTML 12Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Conceptual
uP9616
8
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
(V
IN = 12V, TA =25
oC, unless otherwise specified)
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
y
l
p
p
u
S
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
IV
N
I
8-
-2
3V
d
l
o
h
s
e
r
h
T
R
O
P
N
I
V
g
n
i
s
i
R
N
I
V-
-5
.
7-
-V
g
n
il
l
a
F
N
I
V-
-0
.
7-
-V
d
l
o
h
s
e
r
h
T
P
V
O
t
u
p
n
IV
P
V
O
_
N
I
V
P
V
O
_
N
I
g
n
i
s
i
R8
.
2
3-
--
-V
V
P
V
O
_
N
I
g
n
il
l
a
F3
.
2
3-
--
-V
t
n
e
r
r
u
C
t
u
p
n
I
y
l
p
p
u
S
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
t
u
p
n
II
1
Q
g
n
i
h
c
t
i
w
s
o
N-
-1
0
5
.
1A
m
t
n
e
r
r
u
C
y
b
d
n
a
t
S
t
u
p
n
II
2
Q
n
o
i
t
c
e
t
e
d
C
e
p
y
T-
--
-0
5
1A
u
s
e
h
c
t
i
w
S
r
e
w
o
P
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
S
e
d
i
S
-
i
HR
)
N
O
(
S
D
-
-0
7-
-mΩ
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
S
e
d
i
S
-
w
o
LR
)
N
O
(
S
D
-
-5
4-
-mΩ
y
c
n
e
u
q
e
r
F
n
o
i
t
a
ll
i
c
s
Of
C
S
O
-
-5
2
1-
-z
H
k
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
MD
X
A
M
6
98
99
9%
t
r
a
t
S
t
f
o
S
d
n
a
e
g
a
t
l
o
V
t
u
p
t
u
O
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
t
u
p
t
u
O
∆
V
T
U
O
V
N
I
V
,
V
2
1
=
T
U
O
,
V
2
.
5
=
P
C
F
/
0
.
3
C
Q
/
0
.
2
C
r
o
f
y
l
n
o
0
5
.
1
--
-0
5
.
1
+
%
V
N
I
V
,
V
2
1
=
T
U
O
0
.
3
C
Q
/
0
.
2
C
Q
r
o
f
y
l
n
o
,
V
9
=0
5
.
1
--
-0
5
.
1
+
V
N
I
V
,
V
2
1
=
T
U
O
P
C
F
r
o
f
y
l
n
o
,
V
2
.
9
=0
5
.
1
--
-0
5
.
1
+
V
N
I
V
,
V
4
2
=
T
U
O
0
.
3
C
Q
/
0
.
2
C
Q
r
o
f
y
l
n
o
,
V
2
1
=0
5
.
1
--
-0
5
.
1
+
V
N
I
V
,
V
4
2
=
T
U
O
P
C
F
r
o
f
y
l
n
o
,
V
1
.
2
1
=0
5
.
1
--
-0
5
.
1
+
e
m
i
T
t
r
a
t
S
t
f
o
ST
S
S
-
-0
1-
-s
m
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
n
e
e
w
t
e
B
e
c
n
e
r
e
f
f
i
D
e
g
a
t
l
o
V
C
C
t
a
-
E
S
N
E
S
d
n
a
+
E
S
N
E
S
n
o
i
t
a
r
e
p
O
e
d
o
M
∆
V
N
E
S
V
T
U
O
V
2
.
5
=7
2
10
3
13
3
1V
m
n
o
i
t
a
s
n
e
p
m
o
C
e
c
n
a
t
s
i
s
e
R
e
l
b
a
C
t
u
p
t
u
O
n
o
i
t
a
s
n
e
p
m
o
C
e
n
i
L
d
e
x
i
FV
T
U
O
V
T
U
O
I
,
V
2
.
5
=
O
V
t
a
d
e
r
u
s
a
e
m
A
5
.
2
=
E
S
N
E
S
0
1
10
5
10
9
1V
m
n
o
i
t
c
e
t
o
r
P
)
t
n
e
r
r
u
C
t
u
p
t
u
O
t
n
a
t
s
n
o
C
(
C
C
t
i
m
i
L
I
T
U
O
R
E
S
N
E
S
m
9
3
=
Ω
V
,
T
U
O
V
2
.
5
=6
5
2
.
33
3
.
30
1
4
.
3A
o
t
s
d
e
e
n
e
g
a
t
l
o
V
t
u
p
t
u
O
d
l
o
h
s
e
r
h
t
e
s
p
a
ll
o
c
V
T
U
O
y
l
n
O
.
t
i
m
i
L
)
t
n
e
r
r
u
C
t
u
p
t
u
O
t
n
a
t
s
n
o
C
(
C
C
o
t
n
I
K
T
M
d
n
a
0
.
3
/
0
.
2
C
Q
r
o
f
0
5
8
.
20
0
1
.
30
5
3
.
3V
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
v
O
t
u
p
t
u
OV
P
V
O
V
t
a
d
e
r
u
s
a
e
m
-
E
S
N
E
S
-
-0
1-
-%
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
d
n
U
t
u
p
t
u
OV
P
V
U
V
T
U
O
P
C
F
r
o
f
y
l
n
o
,
V
2
.
9
=-
-7
.
6-
-
V
V
T
U
O
P
C
F
r
o
f
y
l
n
o
,
V
1
.
2
1
=-
-0
1-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com