Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9616PDYA Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. UP9616PDYA Datasheet HTML 10Page - uPI Group Inc. UP9616PDYA Datasheet HTML 11Page - uPI Group Inc. UP9616PDYA Datasheet HTML 12Page - uPI Group Inc. UP9616PDYA Datasheet HTML 13Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Conceptual
uP9616
9
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
D
S
-
-0
5
1-
-
oC
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
S
Y
H
D
S
-
-0
2-
-
oC
)
-
D
/
+
D
(
t
r
o
P
g
n
i
g
r
a
h
C
d
e
t
a
c
i
d
e
D
e
g
a
t
l
o
V
h
g
i
H
e
g
a
t
l
o
V
t
c
e
t
e
D
a
t
a
DV
F
E
R
_
T
A
D
5
2
.
05
2
3
.
00
4
.
0V
n
o
i
t
c
e
l
e
S
e
t
g
a
t
l
o
V
t
u
p
t
u
O
e
c
n
e
r
e
f
e
R
V
F
E
R
_
L
E
S
P
C
D
V
H
n
o
i
t
c
e
l
e
S
r
o
f
e
c
n
e
r
e
f
e
R
V
0
.
2
e
g
a
t
l
o
V
0
8
.
12
0
2
.
2V
t
a
P
C
D
V
H
r
o
f
t
i
m
i
L
t
n
e
r
r
u
C
e
g
a
t
l
o
V
t
u
p
t
u
O
y
n
A
I
N
I
M
_
P
C
D
V
H
t
a
t
n
e
r
r
u
c
s
i
h
t
t
u
p
t
u
o
t
s
u
m
s
'
P
C
D
V
H
ll
A
m
u
m
i
n
i
m
0
0
5-
--
-A
m
e
m
i
T
r
e
t
l
i
F
h
c
t
il
G
w
o
L
-
DT
W
O
L
_
M
D
_
P
H
C
T
I
L
G
s
i
n
w
d
_
m
d
R
d
n
a
n
e
p
o
e
r
a
A
-
/
+
D
r
e
t
f
A
t
c
e
p
x
e
P
C
D
V
H
d
l
u
o
h
s
g
n
o
l
w
o
h
,
d
e
t
r
e
s
s
a
.
h
g
i
h
d
e
ll
u
p
g
n
i
e
b
e
r
o
f
e
b
w
o
l
y
a
t
s
o
t
-
D
1-
--
-s
m
e
m
i
T
r
e
t
l
i
F
h
c
t
il
G
h
g
i
H
-
DT
H
G
I
H
_
M
D
_
P
H
C
T
I
L
G
s
i
n
w
d
_
m
d
R
d
n
a
n
e
p
o
e
r
a
A
-
/
+
D
r
e
t
f
A
e
c
i
v
e
d
e
l
b
a
t
r
o
p
a
r
e
t
f
a
g
n
o
l
w
o
h
,
d
e
t
r
e
s
s
a
t
s
r
i
f
s
e
k
a
m
t
i
e
r
o
f
e
b
,
w
o
l
o
g
-
D
s
e
e
s
.
h
g
i
h
-
D
s
ll
u
p
d
n
a
t
s
e
u
q
e
r
e
g
a
t
l
o
v
0
4-
--
-s
m
e
m
i
T
r
e
t
l
i
F
h
c
t
il
G
h
g
i
H
+
DT
e
n
o
D
_
C
B
_
P
H
C
T
I
L
G
,
e
t
e
l
p
m
o
c
s
i
n
o
i
t
c
e
t
e
D
2
.
1
C
B
r
e
t
f
A
P
C
D
V
H
1-
-0
5
.
1s
r
e
t
l
i
F
h
c
t
il
G
e
g
a
t
l
o
V
t
u
p
t
u
O
e
m
i
T
T
E
G
N
A
H
C
_
V
_
P
H
C
T
I
L
G
e
r
o
f
e
b
e
l
g
g
o
t
-
/
+
D
r
e
t
f
a
r
e
t
l
i
f
h
c
t
il
G
e
g
a
t
l
o
v
t
u
p
t
u
o
e
g
n
a
h
c
o
t
s
t
p
m
e
t
t
a
P
C
D
V
H
0
20
40
6s
m
e
g
r
a
h
c
s
i
D
s
u
b
V
g
u
l
p
n
UT
G
U
L
P
N
U
_
V
n
i
V
2
.
5
o
t
e
g
r
a
h
c
s
i
d
o
t
s
u
b
V
r
o
f
e
m
i
T
g
u
l
p
n
u
n
o
P
C
D
V
H
-
--
-0
0
5s
m
e
m
i
T
t
r
o
h
S
P
C
D
V
H
-
D
/
+
DT
T
R
O
H
S
_
-
D
_
+
D
P
C
D
V
H
n
o
t
r
o
h
s
o
t
-
D
/
+
D
r
o
f
e
m
i
T-
-0
10
2s
m
e
c
n
a
t
i
c
a
p
a
C
-
D
+
DC
R
W
P
_
P
C
D
o
t
-
D
d
n
a
+
D
n
o
e
c
n
a
t
i
c
a
p
a
c
t
n
e
l
a
v
i
u
q
E
D
N
G
-
--
-1
F
n
e
g
a
k
a
e
L
e
n
i
L
a
t
a
DR
G
K
L
_
T
A
D
0
0
3-
-0
0
5
1kΩ
e
c
n
a
t
s
i
s
e
R
n
w
o
D
ll
u
P
-
DR
N
W
D
_
-
D
2
15
18
1kΩ
)
e
d
o
M
t
r
o
h
S
(
e
d
o
M
P
C
D
2
.
1
C
B
g
n
i
r
u
D
e
c
n
a
t
s
i
s
e
R
-
D
o
t
+
D
e
d
o
M
P
C
D
R
T
A
D
_
P
C
D
-
-0
20
4
Ω
e
g
a
t
l
o
V
t
u
p
t
u
O
+
DV
+
V
2
.
1
_
P
D
V
2
1
=
N
I
V2
1
.
10
2
.
18
2
.
1V
e
g
a
t
l
o
V
t
u
p
t
u
O
-
DV
+
V
2
.
1
_
M
D
V
2
1
=
N
I
V2
1
.
10
2
.
18
2
.
1V
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
+
DR
V
2
.
1
_
P
D
A
u
5
-
=
+
D
I0
82
0
10
3
1kΩ
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
-
DV
+
V
2
.
1
_
M
D
A
u
5
-
=
-
D
I0
82
0
10
3
1kΩ
)
V
7
.
2
/
V
7
.
2
(
e
d
o
M
r
e
d
i
v
i
D
e
g
a
t
l
o
V
t
u
p
t
u
O
+
DV
V
7
.
2
_
+
D
V
2
1
=
N
I
V7
5
.
20
7
.
24
8
.
2V
e
g
a
t
l
o
V
t
u
p
t
u
O
-
DV
V
7
.
2
_
-
D
V
2
1
=
N
I
V7
5
.
20
7
.
24
8
.
2V
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
+
DR
V
7
.
2
_
+
D
A
u
5
-
=
+
D
I-
-6
3-
-kΩ
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
-
DR
V
7
.
2
_
-
D
A
u
5
-
=
-
D
I-
-6
3-
-kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com