Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9616PDYA Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 3 Page - uPI Group Inc.

  UP9616PDYA Datasheet HTML 1Page - uPI Group Inc. UP9616PDYA Datasheet HTML 2Page - uPI Group Inc. UP9616PDYA Datasheet HTML 3Page - uPI Group Inc. UP9616PDYA Datasheet HTML 4Page - uPI Group Inc. UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Conceptual
uP9616
3
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
.
o
N
n
i
P
e
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
8
C
D
PA
Y
D
P
2
,
15
N
I
V
t
u
p
n
I
y
l
p
p
u
S
r
e
w
o
P
d
n
a
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
o
t
t
n
e
r
r
u
c
s
e
il
p
p
u
s
t
a
h
t
e
g
a
t
l
o
v
t
u
p
n
I
.
1
x
F
u
1
m
u
m
i
n
i
m
a
h
t
i
w
e
g
a
t
l
o
v
t
u
p
n
i
e
h
t
s
s
a
p
y
B
.
t
i
u
c
r
i
c
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
e
h
t
s
r
e
w
o
p
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
R
7
X
r
o
R
5
X
-
-4
1
C
C
.
n
o
i
t
c
e
n
n
o
C
t
u
p
n
I
1
C
C
t
r
o
P
C
e
p
y
T
B
S
U
.
e
d
i
S
e
c
r
u
o
S
n
O
e
g
a
t
l
o
V
1
C
C
-
-3
2
C
C
.
n
o
i
t
c
e
n
n
o
C
t
u
p
n
I
2
C
C
t
r
o
P
C
e
p
y
T
B
S
U
.
e
d
i
S
e
c
r
u
o
S
n
O
e
g
a
t
l
o
V
2
C
C
32
+
D
.
n
o
i
t
c
e
n
n
o
C
t
u
p
n
I
+
D
t
r
o
P
B
S
U
t
u
p
n
i
e
n
il
a
t
a
d
+
D
B
S
U
.
41
-
D
.
n
o
i
t
c
e
n
n
o
C
t
u
p
n
I
-
D
t
r
o
P
B
S
U
.
t
u
p
n
i
e
n
il
a
t
a
d
-
D
B
S
U
50
1-
E
S
N
E
S
.
n
i
P
)
-
(
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
e
h
T
.
e
g
a
t
l
o
v
n
o
i
t
a
s
n
e
p
m
o
c
e
l
b
a
c
d
n
a
e
n
il
e
l
b
a
t
s
u
j
d
A
69
+
E
S
N
E
S
.
n
i
P
)
+
(
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
e
h
T
.
e
g
a
t
l
o
v
n
o
i
t
a
s
n
e
p
m
o
c
e
l
b
a
c
d
n
a
e
n
il
e
l
b
a
t
s
u
j
d
A
78
T
O
O
B
.
r
e
v
i
r
D
e
t
a
G
r
e
p
p
U
g
n
i
t
a
o
l
F
e
h
t
r
o
f
y
l
p
p
u
S
p
a
r
t
s
t
o
o
B
p
a
r
t
s
t
o
o
b
e
h
t
t
c
e
n
n
o
C
.
t
i
u
c
r
i
c
p
a
r
t
s
t
o
o
b
a
m
r
o
f
o
t
n
i
p
X
L
e
h
t
d
n
a
n
i
p
T
O
O
B
n
e
e
w
t
e
b
T
O
O
B
C
r
o
t
i
c
a
p
a
c
.
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
o
n
r
u
t
o
t
e
g
r
a
h
c
e
h
t
s
e
d
i
v
o
r
p
r
o
t
i
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
T
r
a
e
n
d
e
c
a
l
p
s
i
T
O
O
B
C
t
a
h
t
e
r
u
s
n
E
.
r
e
t
a
e
r
g
r
o
F
u
1
.
0
s
i
T
O
O
B
C
r
o
f
e
u
l
a
v
l
a
c
i
p
y
T
.
C
I
e
h
t
87
,
6X
L
.
t
u
p
t
u
O
s
e
h
c
t
i
w
S
l
a
n
r
e
t
n
I
.
r
o
t
c
u
d
n
i
t
u
p
t
u
o
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
)
D
N
G
(
d
a
P
d
e
s
o
p
x
E
.
d
n
u
o
r
G
.
r
e
t
r
e
v
n
o
c
k
c
u
b
e
h
t
f
o
d
n
u
o
r
G
t
a
e
h
r
o
f
h
t
a
p
n
i
a
m
e
h
t
s
i
d
a
p
d
e
s
o
p
x
e
e
h
T
.
e
c
n
a
m
r
o
f
r
e
p
l
a
m
r
e
h
t
t
s
e
b
r
o
f
B
C
P
e
h
t
o
t
d
e
r
e
d
l
o
s
-
ll
e
w
e
b
d
l
u
o
h
s
d
n
a
n
o
i
t
c
e
v
n
o
c
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com