Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9616PDYA Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP9616PDYA Datasheet HTML 3Page - uPI Group Inc. UP9616PDYA Datasheet HTML 4Page - uPI Group Inc. UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. UP9616PDYA Datasheet HTML 10Page - uPI Group Inc. UP9616PDYA Datasheet HTML 11Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Conceptual
uP9616
7
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
(Note 1)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------------------- -0.3V to +36V
LX Voltage to GND ------------------------------------------------------------------------------------------------------- -0.3V to + (VIN + -0.3V)
D+/D-/CC1/CC2 Pin Voltage -------------------------------------------------------------------------------------------------------------- -0.3V to +6.0V
SENSE+/SENSE- Pin Voltage ---------------------------------------------------------------------------------------------------------- -0.3V to +14V
Storage Temperature Range ------------------------------------------------------------------------------------------------------------- -65oC to +150oC
Junction Temperature ------------------------------------------------------------------------------------------------------------------------------------ 150oC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260oC
ESD Rating (Note 2)
D+/D-/Sense- Pin
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 4kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 400V
Other Pins
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 200V
(Note 4)
Operating Junction Temperature Range ------------------------------------------------------------------------------------------ -40oC to +125oC
Operating Ambient Temperature Range ------------------------------------------------------------------------------------------ -40oC to +85oC
Supply Input Voltage, V
IN ------------------------------------------------------------------------------------------------------------------- +8V to 32V
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
Package Thermal Resistance (Note 3)
VDFN6x5 - 8L θ
JA -------------------------------------------------------------------------------------------------------------------- 45
oC/W
VDFN6x5 - 8L θ
JC ------------------------------------------------------------------------------------------------------------------------- 4
oC/W
VDFN5x6 - 10L θ
JA -------------------------------------------------------------------------------------------------------------------- 45
oC/W
VDFN5x6 - 10L θ
JC ------------------------------------------------------------------------------------------------------------------------ 4
oC/W
Power Dissipation, P
D @ TA = 25
oC
VDFN6x5 - 8L --------------------------------------------------------------------------------------------------------------------------------------- 2.2W
VDFN5x6 - 10L ------------------------------------------------------------------------------------------------------------------------------------- 2.2W
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device.
These are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θ
JA is measured in the natural convection at TA = 25
oC on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com