Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9616PDYA Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP9616PDYA Datasheet HTML 2Page - uPI Group Inc. UP9616PDYA Datasheet HTML 3Page - uPI Group Inc. UP9616PDYA Datasheet HTML 4Page - uPI Group Inc. UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. UP9616PDYA Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Conceptual
uP9616
6
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
e
c
i
v
e
D
e
l
b
a
t
r
o
PA
s
s
a
l
C
P
C
D
V
H
+
D-
De
g
a
t
l
o
V
t
u
p
t
u
O
V
6
.
0D
N
GV
2
.
5
V
3
.
3V
6
.
0V
9
V
6
.
0V
6
.
0V
2
1
V
6
.
0V
3
.
3e
d
o
M
s
u
o
u
n
i
t
n
o
C
3
.
33
.
3e
g
a
t
l
o
V
s
u
o
i
v
e
r
P
Functional Description
High Voltage Dedicated Charging Port (HVDCP) Mode
After power-up pins D+ and D- of uP9616 are shorted with
impedance R
DCP_DAT and internal reference voltage VREF is
set to V
BUS voltage 5.2V. The device is in a BC1.2 compatible
mode. If a portable device compatible with the Qualcomm
Quick Charge specification is connected, a negotiation
between HVDCP and PD is executed. Once the negotiation
is successful the uP9616 opens D+ and D- short connection
and D- is pulled down with a R
DM_DWN. The uP9616 enters
HVDCP mode. It monitors D+ and D- inputs. Based on the
specified control patterns, the internal voltage reference
value V
REF is adjusted in order to increase or decrease output
voltage to the required value.
The uP9616 is available in Class A version. Class A allows
to change the output voltage up to VBUS = 12V. If the
unplug event is detected the decoder circuitry turns-on an
internal current sink, which discharges the output capacitors
to a safe voltage level. If the uP9616 is set to a Continuous
mode it responds to the PD requests in a Single request
mode. It does not support Group request mode.
HVDCP Continuous Mode
The continuous mode of operation leverages the previously
unused state in QC2.0. If the portable devices try and utilize
this mode, it applies voltages on D+ and D- per Table 2.
Assuming the HVDCP supports this mode of operation, it
will glitch filter the request as it currently does, using
TGLITCH_V_CHANGE(40ms). Before the portable device
can begin to increment or decrement the voltage, it must
wait TV_NEW_REQUEST_CONT before pulling D+ and D-
high or low. Once this time has finished, the portable device
now attempts to increment or decrement the voltage. To
increment, the portable device sends a pulse of width
TACTIVE by pulling D+ to VDP_UP and then must return
D+ to VDP_SRC for TINACTIVE.
Table2. HVDCP detection voltage coding and status
Note: GND is not forced by the portable device. The portable
device shall go High-Z and the HVDCP pulls D- low through
Rdm_dwn. This is to prevent misdetection when current
flowing through GND causes the GND in the portable device
to be at a higher voltage relative to HVDCP GND. Care
should be taken in the portable device as this can result in
a negative relative voltage on D- as seen by the portable
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com