Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9616PDYA Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP9616PDYA
Description  3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9616PDYA Datasheet(HTML) 1 Page - uPI Group Inc.

  UP9616PDYA Datasheet HTML 1Page - uPI Group Inc. UP9616PDYA Datasheet HTML 2Page - uPI Group Inc. UP9616PDYA Datasheet HTML 3Page - uPI Group Inc. UP9616PDYA Datasheet HTML 4Page - uPI Group Inc. UP9616PDYA Datasheet HTML 5Page - uPI Group Inc. UP9616PDYA Datasheet HTML 6Page - uPI Group Inc. UP9616PDYA Datasheet HTML 7Page - uPI Group Inc. UP9616PDYA Datasheet HTML 8Page - uPI Group Inc. UP9616PDYA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Conceptual
uP9616
1
uP9616-DS-C3202, Feb. 2017
www.upi-semi.com
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
8
C
D
P
6
1
6
9
P
uL
8
-
5
x
6
N
F
D
VP
6
1
6
9
P
u
A
Y
D
P
6
1
6
9
P
uL
0
1
-
6
x
5
N
F
D
VP
6
1
6
9
P
u
3.3A Charger Interface, Wide Input Sensorless CC/CV
Synchronous-Rectified Buck Converter
for QC2.0/QC3.0/PE+1.1/PE+2.0 And FCP
Ordering Information
The uP9616 is a high-efficiency synchronous-rectified buck
converter with an internal power switch. With internal low
RDS(ON) switches, the high-efficiency buck converter is
capable of delivering up to 3.3A output current for charger
interface and a wide input voltage range from 8V to 32V. It
operates in either CV (Constant Output Voltage) mode or
CC (Constant Output Current) mode and provides a current
limitation function. The uP9616 has a constant output
voltage 5.2V/9V/12V for Qualcomm® Quick ChargeTM 3.0/
2.0(QC2.0/QC3.0) that is detected from D+ and D- line and
automatically detects whether a connected Powered Device
(PD) is Quick Charge (QC2.0/QC3.0) capable before
enabling output voltage adjustment. If a PD not compliant
to Quick Charge (QC2.0/QC3.0) is detected, the uP9616
disables output voltage adjustment to ensure safe operation
with legacy 5.2V only USB PDs.
uP9616 is a USB secondary side fast-charging converter,
supporting Qualcomm® Quick ChargeTM 3.0 (QC 3.0) High
Voltage Dedicated Charging Port (HVDCP) Class A
specification.
uP9616 allows for selection of the output voltage of an AC/
DC USB adapter based on commands from the Portable
Device (PD) being powered. Selecting a higher charging
voltage will reduce the charging current for a given power
level resulting in reduced IR drops and increased system
efficiency. Another advantage of QC3.0 is a decreased
battery charging time and a reduced PD system cost thanks
to the ability to select an optimum charging voltage. This
eliminates the need for costly DC/DC converters within the
PD. The USB-bus voltage can be controlled in discreet
steps from 3.6 V up to 12.1V. The output current is limited
not to exceed maximum allowable power level.
Other features for the buck converter include internal soft-
start, adjustable external CC (Constant Output Current)
limit setting, built-in fixed line-compensation, short circuit
protection, VIN/VOUT over voltage protection, and over
temperature protection. It is available in space saving
VDFN6x5-8L and VDFN5x6-10L packages.
Note:
(1) Please check the sample/production availability with
uPI representatives.
(2) uPI products are compatible with the current IPC/JEDEC
J-STD-020 requirement. They are halogen-free, RoHS
compliant and 100% matte tin (Sn) plating that are suitable
for use in SnPb or Pb-free soldering processes.
PDA Like Device Car Chargers
Portable Charging Devices
Applications
VDFN5x6-10L
D+
VIN
D-
VIN
LX
BOOT
SENSE+
VDFN6x5-8L
SENSE-
1
2
3
4
5
6
7
8
GND
Pin Configuration
General Description


Similar Part No. - UP9616PDYA

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9616Q UPI-UP9616Q Datasheet
206Kb / 14P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9616QDC8 UPI-UP9616QDC8 Datasheet
206Kb / 14P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9616R UPI-UP9616R Datasheet
673Kb / 16P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9616RDC8 UPI-UP9616RDC8 Datasheet
673Kb / 16P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9616RDYA UPI-UP9616RDYA Datasheet
673Kb / 16P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
More results

Similar Description - UP9616PDYA

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
logo
uPI Group Inc.
UP9612 UPI-UP9612 Datasheet
191Kb / 13P
3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9616Q UPI-UP9616Q Datasheet
206Kb / 14P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9601 UPI-UP9601 Datasheet
202Kb / 12P
3A , Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9601T UPI-UP9601T Datasheet
151Kb / 10P
3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9602 UPI-UP9602 Datasheet
293Kb / 15P
3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9616R UPI-UP9616R Datasheet
673Kb / 16P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
UP9616S UPI-UP9616S Datasheet
262Kb / 16P
3.3A Charger Interface, Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com