Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9708 Datasheet HTML 4Page - Maxim Integrated Products MAX9708 Datasheet HTML 5Page - Maxim Integrated Products MAX9708 Datasheet HTML 6Page - Maxim Integrated Products MAX9708 Datasheet HTML 7Page - Maxim Integrated Products MAX9708 Datasheet HTML 8Page - Maxim Integrated Products MAX9708 Datasheet HTML 9Page - Maxim Integrated Products MAX9708 Datasheet HTML 10Page - Maxim Integrated Products MAX9708 Datasheet HTML 11Page - Maxim Integrated Products MAX9708 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
8
_______________________________________________________________________________________
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-110
10
100k
INPUT REFERRED
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-100
-90
-80
-70
-60
-50
-40
-30
-110
10
100k
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-110
-100
-90
-80
-70
-60
-50
-40
-120
10
100k
MAXIMUM STEADY-STATE OUTPUT POWER
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
60
40
50
5
15
10
25
20
30
35
40
0
30
70
PVDD = 18V, 8
Ω
STEREO MODE, 1kHz,
FS1 = FS2 = 1
TH0 = TH1 = 1
TH2 = 0
MEASURED WITH THE EV KIT (TQFN
PACKAGE), JUNCTION TEMPERATURE
MAINTAINED AT +110
°C
MAXIMUM STEADY-STATE OUTPUT POWER
vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)
60
40
50
10
20
40
30
50
60
70
0
30
70
PVDD = 18V, 4
Ω
MONO MODE, 1kHz,
FS1 = FS2 = 1
TH0 = TH1 = 1
TH2 = 0
MEASURED WITH THE EV KIT (TQFN
PACKAGE), JUNCTION TEMPERATURE
MAINTAINED AT +110
°C
Typical Operating Characteristics (continued)
(PVDD = VDD = +18V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD =
∞, SHDN = high, MONO
= low, MUTE = high, G1 = low, G2 = high, FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are between OUT_+ and
OUT_-, TA = +25°C, unless otherwise stated.)
Pin Description
PIN
TQFP
TQFN
NAME
FUNCTION
1, 8, 13, 16,
17, 32, 33, 41,
48, 49, 50, 55,
58, 63, 64
1, 12, 42, 43,
44, 55, 56
N.C.
No Connection. Not internally connected.
2, 3, 4, 45, 46,
47, 56, 57
2, 3, 4, 39,
40, 41, 49, 50
PGND
Power Ground
5, 6, 7,
42, 43, 44
5, 6, 7,
36, 37, 38
PVDD
Positive Power Supply. Bypass to PGND with a 0.1µF and a 47µF capacitor with the
smallest capacitor placed as close to pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com