Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX9708 Datasheet HTML 15Page - Maxim Integrated Products MAX9708 Datasheet HTML 16Page - Maxim Integrated Products MAX9708 Datasheet HTML 17Page - Maxim Integrated Products MAX9708 Datasheet HTML 18Page - Maxim Integrated Products MAX9708 Datasheet HTML 19Page - Maxim Integrated Products MAX9708 Datasheet HTML 20Page - Maxim Integrated Products MAX9708 Datasheet HTML 21Page - Maxim Integrated Products MAX9708 Datasheet HTML 22Page - Maxim Integrated Products MAX9708 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
______________________________________________________________________________________
19
Pin Configurations
TOP VIEW
36
37
38
39
40
32
33
34
35
41
18
19
20
21
22
23
24
25
26
27
OUTL+
THIN QFN
30
31
29
INR+
INR-
VDD
SS
GND
GND
REG
REG
REG
FS1
15
16
17
MONO
INL+
INL-
OUTL-
OUTL-
PGND
PGND
OUTR+
N.C.
N.C.
OUTL+
OUTR+
OUTR-
OUTR-
N.C.
28
G1
N.C.
42
7
6
5
4
311
10
9
8
213
12
14
1
53
52
51
50
49
48
47
46
45
44
56
55
54
43
MAX9708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com