Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX9708 Datasheet HTML 13Page - Maxim Integrated Products MAX9708 Datasheet HTML 14Page - Maxim Integrated Products MAX9708 Datasheet HTML 15Page - Maxim Integrated Products MAX9708 Datasheet HTML 16Page - Maxim Integrated Products MAX9708 Datasheet HTML 17Page - Maxim Integrated Products MAX9708 Datasheet HTML 18Page - Maxim Integrated Products MAX9708 Datasheet HTML 19Page - Maxim Integrated Products MAX9708 Datasheet HTML 20Page - Maxim Integrated Products MAX9708 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
______________________________________________________________________________________
17
Mismatch in the components can cause discrepancies
between the nominal transfer function and actual perfor-
mance. Also, the mismatch of the input resistors (R15,
R17, R19, and R21 in Figure 6) of the summing amplifier
and lowpass filter will cause some high-frequency sound
to be sent to the subwoofer.
The circuit in Figure 6 drives a pair of MAX9708 devices
similar to the circuit in Figure 5. The inputs to the
MAX9708 still require AC-coupling to prevent compro-
mising the click-and-pop performance of the MAX9708.
The left and right drivers should be at an 8
Ω to 12Ω
impedance, whereas the subwoofer can be 4
Ω to 12Ω
depending on the desired output power, the available
power-supply voltage, and the sensitivity of the individ-
ual speakers in the system. The four gain settings of
the MAX9708 allow gain adjustments to match the sen-
sitivity of the speakers.
Figure 5. Multiple Amplifiers Implement a 2.1 Audio System
MAX9708
MAX9708
HIGHPASS
FILTER
8
Ω
FULL-
RANGE
SPEAKER
8
Ω
FULL-
RANGE
SPEAKER
4
Ω OR 8Ω
WOOFER
RIGHT
AUDIO
LEFT
AUDIO
HIGHPASS
FILTER
LOWPASS
FILTER
Σ
VDIGITAL
OUTR+
OUTR-
OUTL+
OUTL-
OUTR+
OUTR-
OUTL+
OUTL-
INR+
INR-
MONO
INL+
INL-
INR+
SYNCIN
SYNCOUT
INR-
MONO
INL+
INL-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com