Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9708 Datasheet HTML 7Page - Maxim Integrated Products MAX9708 Datasheet HTML 8Page - Maxim Integrated Products MAX9708 Datasheet HTML 9Page - Maxim Integrated Products MAX9708 Datasheet HTML 10Page - Maxim Integrated Products MAX9708 Datasheet HTML 11Page - Maxim Integrated Products MAX9708 Datasheet HTML 12Page - Maxim Integrated Products MAX9708 Datasheet HTML 13Page - Maxim Integrated Products MAX9708 Datasheet HTML 14Page - Maxim Integrated Products MAX9708 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
______________________________________________________________________________________
11
Typical Application Circuits/Functional Diagrams (continued)
OUTR+
OUTR-
OUTL-
OUTL+
SYNCIN
INR+
INR-
SHDN
G1
G2
SYNCOUT
PGND
RIN
RIN
VBIAS
TH0
TH1
TH2
TEMP
CPVDD
PVDD
PVDD
PVDD
PVDD
PVDD
VDD
VDD
C1P
C1N
REG
+
-
AUDIO
INPUT
VDIGITAL
C2
1
µF
0.1
µF
0.1
µF
47
µF*
1
µF
1
µF
CREG
0.01
µF
C1
0.1
µF
CSS
0.47
µF
VDIGITAL
VDIGITAL
VDIGITAL
VDIGITAL
GND
MONO
FS1
FS2
RF
RF
10k
Ω
10k
Ω
14 (15)
13 (14)
17 (20)
16 (19)
30 (35)
28 (31)
29 (34)
18 (21)
35 (40)
34 (39)
33 (38)
32 (37)
19, 20, 21 (22, 23, 24)
8 (9)
9 (10)
10 (11)
51, 52 (59, 60)
53, 54 (61, 62)
45, 46 (51, 52)
47, 48 (53, 54)
11 (12)
22, 23
(25, 26)
2–4, 39–41 49–50
(2–4, 45–47, 56–57)
5–7, 36–38
(5–7, 42–44)
25 (28)
15 (18)
SS
24 (27)
MUTE
31 (36)
VDIGITAL
MAX9708
GAIN
CONTROL
CHARGE
PUMP
REGULATOR
THERMAL SENSOR
MUX
CONTROL
CLASS D
MODULATOR
AND H-BRIDGE
CLASS D
MODULATOR
AND H-BRIDGE
( ) TQFP PACKAGE
*ADDITIONAL BULK CAPACITANCE
CONFIGURATION: TQFN MONO MODE, SSM, INTERNAL OSCILLATOR, GAIN = 22dB, THERMAL SETTING = +120
°C
Figure 2. Typical Application and Functional Diagram in Mono Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com