Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9708 Datasheet HTML 1Page - Maxim Integrated Products MAX9708 Datasheet HTML 2Page - Maxim Integrated Products MAX9708 Datasheet HTML 3Page - Maxim Integrated Products MAX9708 Datasheet HTML 4Page - Maxim Integrated Products MAX9708 Datasheet HTML 5Page - Maxim Integrated Products MAX9708 Datasheet HTML 6Page - Maxim Integrated Products MAX9708 Datasheet HTML 7Page - Maxim Integrated Products MAX9708 Datasheet HTML 8Page - Maxim Integrated Products MAX9708 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX9708 mono/stereo, Class D audio power ampli-
fier delivers up to 2 x 21W into an 8
Ω stereo mode and
1 x 42W into a 4
Ω load in mono mode while offering up
to 87% efficiency. The MAX9708 provides Class AB
amplifier performance with the benefits of Class D effi-
ciency, eliminating the need for a bulky heatsink and
conserving power. The MAX9708 operates from a single
+10V to +18V supply, driving the load in a BTL configu-
ration.
The MAX9708 offers two modulation schemes: a fixed-
frequency modulation (FFM) mode, and a spread-spec-
trum
modulation
(SSM)
mode
that
reduces
EMI-radiated emissions. The MAX9708 can be synchro-
nized to an external clock from 600kHz to 1.2MHz. A
synchronized output allows multiple units to be cascad-
ed in the system.
Features include fully differential inputs, comprehensive
click-and-pop suppression, and four selectable-gain set-
tings (22dB, 25dB, 29.5dB, and 36dB). A pin-program-
mable thermal flag provides seven different thermal
warning thresholds. Short-circuit and thermal-overload
protection prevent the device from being damaged
during a fault condition.
The MAX9708 is available in 56-pin TQFN (8mm x 8mm
x 0.8mm) and 64-pin TQFP (10mm x 10mm x 1.4mm)
packages, and is specified over the extended
-40°C to +85°C temperature range.
Applications
LCD TVs
PDP TVs
Automotive
PC/HiFi Audio Solutions
Features
♦ 2 x 21W Output Power in Stereo Mode
(8
Ω, THD = 10%)
♦ 1 x 42W Output Power in Mono Mode
(4
Ω, THD = 10%)
♦ High Efficiency: Up to 87%
♦ Filterless Class D Amplifier
♦ Unique Patented Spread-Spectrum Mode
♦ Programmable Gain (+22dB, +25dB, +29.5dB,
+36dB)
♦ High PSRR (90dB at 1kHz)
♦ Differential Inputs Suppress Common-Mode
Noise
♦ Shutdown and Mute Control
♦ Integrated Click-and-Pop Suppression
♦ Low 0.1% THD+N
♦ Current Limit and Thermal Protection
♦ Programmable Thermal Flag
♦ SYNC Input/Output
♦ Available in Thermally Efficient, Space-Saving
Packages: 56-Pin TQFN and 64-Pin TQFP
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
________________________________________________________________ Maxim Integrated Products
1
CLASS D
MODULATOR
SYNCOUT
TEMP
OUTPUT
PROTECTION
GAIN
CONTROL
FS1, FS2
MAX9708
STEREO MODE
G1, G2
2
SYNC
RIGHT
CHANNEL
LEFT
CHANNEL
MONO
2
TH0, TH1,
TH2
3
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX9708ETN
-40°C to +85°C
56 TQFN-EP**
T5688-3
MAX9708ECB*
-40°C to +85°C
64 TQFP-EP**
C64E-6
Simplified Block Diagram
Ordering Information
19-3678; Rev 0; 7/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Future product—Contact factory for availability.
**EP = Exposed paddle.
Pin Configurations appear at end of data sheet.
EVALUATION
KIT
AVAILABLE
CLASS D
MODULATOR
SYNCOUT
TEMP
OUTPUT
PROTECTION
GAIN
CONTROL
FS1, FS2
MAX9708
MONO MODE
G1, G2
2
SYNC
AUDIO
INPUT
VDIGITAL
MONO
2
TH0, TH1,
TH2
3


Similar Part No. - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Analog Devices
MAX9708 AD-MAX9708 Datasheet
561Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3 4/13
logo
Maxim Integrated Produc...
MAX9708ETN+ MAXIM-MAX9708ETN+ Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9708ETN/V+ MAXIM-MAX9708ETN/V+ Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
More results

Similar Description - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com