Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9708 Datasheet HTML 1Page - Maxim Integrated Products MAX9708 Datasheet HTML 2Page - Maxim Integrated Products MAX9708 Datasheet HTML 3Page - Maxim Integrated Products MAX9708 Datasheet HTML 4Page - Maxim Integrated Products MAX9708 Datasheet HTML 5Page - Maxim Integrated Products MAX9708 Datasheet HTML 6Page - Maxim Integrated Products MAX9708 Datasheet HTML 7Page - Maxim Integrated Products MAX9708 Datasheet HTML 8Page - Maxim Integrated Products MAX9708 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(PVDD = VDD = +18V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD =
∞, MONO = low (stereo
mode), SHDN = MUTE = high, G1 = low, G2 = high (AV = 22dB), FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are
connected between OUT_+ and OUT_-, unless otherwise stated. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA
= +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
G1 = 0, G2 = 1
21.6
22.0
22.3
G1 = 1, G2 = 1
24.9
25.0
25.6
G1 = 1, G2 = 0
29.2
29.5
29.9
Gain
AV
G1 = 0, G2 = 0
35.9
36.0
36.6
dB
TH2
TH1
TH0
00
0
+80
00
1
+90
01
0
+100
01
1
+110
10
0
+120
10
1
+129
11
0
+139
TEMP Flag Threshold
TFLAG
11
1
+150
°C
TEMP Flag Accuracy
From +80°C to +140°C
±6
°C
TEMP Flag Hysteresis
2°C
STEREO MODE (RLOAD = 8
Ω)
MUTE = 1, RLOAD =
∞
20
30
Quiescent Current
MUTE = 0
5
11
mA
Output Power
POUT
f = 1kHz, THD = 10%, TA = +25°C,
RLOAD = 8
Ω, PVDD = 18V
20
21
W
Total Harmonic Distortion Plus
Noise
THD+N
f = 1kHz, BW = 22Hz to 22kHz,
RLOAD = 8
Ω, POUT = 8W
0.1
%
22Hz to 22kHz
91
Signal-to-Noise Ratio
SNR
RLOAD = 8
Ω, POUT = 10W
A-weighted
96
dB
Efficiency
η
RLOAD = 8
Ω, L > 60µH, POUT = 15W + 15W,
f = 1kHz
87
%
Left-Right Channel Gain
Matching
POUT = 10W
0.02
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com