Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9708 Datasheet HTML 9Page - Maxim Integrated Products MAX9708 Datasheet HTML 10Page - Maxim Integrated Products MAX9708 Datasheet HTML 11Page - Maxim Integrated Products MAX9708 Datasheet HTML 12Page - Maxim Integrated Products MAX9708 Datasheet HTML 13Page - Maxim Integrated Products MAX9708 Datasheet HTML 14Page - Maxim Integrated Products MAX9708 Datasheet HTML 15Page - Maxim Integrated Products MAX9708 Datasheet HTML 16Page - Maxim Integrated Products MAX9708 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
______________________________________________________________________________________
13
TEMP returns high once the junction temperature cools
below the set threshold minus the thermal hysteresis. If
TEMP is connected to either MUTE or SS, the audio
output resumes. The temperature threshold is set by
the TH0, TH1, and TH2 inputs as shown in Table 1. An
RC filter may be used to eliminate any transient at the
TEMP output as shown in Figure 3.
Gain Selection
The MAX9708 features four pin-selectable gain settings;
see Table 2.
Operating Modes
Fixed-Frequency Modulation (FFM) Mode
The MAX9708 features three switching frequencies in
the FFM mode (Table 3). In this mode, the frequency
spectrum of the Class D output consists of the funda-
mental switching frequency and its associated harmon-
ics (see the Wideband Output Spectrum graph in the
Typical Operating Characteristics). Select one of the
three fixed switching frequencies such that the harmon-
ics do not fall in a sensitive band. The switching fre-
quency can be changed at any time without affecting
audio reproduction.
Spread-Spectrum Modulation (SSM) Mode
The MAX9708 features a unique, patented spread-
spectrum (SSM) mode that flattens the wideband spec-
tral components, improving EMI emissions that may be
radiated by the speaker and cables. This mode is
enabled by setting FS1 = FS2 = high. In SSM mode, the
switching frequency varies randomly by ±4% around
the center frequency (200kHz). The modulation scheme
remains the same, but the period of the triangle wave-
form changes from cycle to cycle. Instead of a large
amount of spectral energy present at multiples of the
switching frequency, the energy is now spread over a
bandwidth that increases with frequency. Above a few
megahertz, the wideband spectrum looks like white
noise for EMI purposes. SSM mode reduces EMI com-
pared to fixed-frequency mode. This can also help to
randomize visual artifacts caused by radiated or sup-
ply-borne interference in displays.
Synchronous Switching Mode
The MAX9708 SYNCIN input allows the Class D amplifi-
er to switch at a frequency defined by an external clock
frequency. Synchronizing the amplifier with an external
clock source may confine the switching frequency to a
less sensitive band. The external clock frequency range
is from 600kHz to 1.2MHz and can have any duty cycle,
but the minimum pulse must be greater than 100ns.
SYNCOUT is an open-drain clock output for synchro-
nizing external circuitry. Its frequency is four times the
amplifier’s switching frequency, and it is active in either
internal or external oscillator mode.
Figure 3. An RC Filter Eliminates Transient During Switching
Table 1. MAX9708 Junction Temperature
Threshold Setting
TEMP
0.1
µF
10k
Ω
10k
Ω
VDIGITAL
TO DIGITAL
INPUT
JUNCTION
TEMPERATURE
(°C)
TH2
TH1
TH0
80
Low
Low
Low
90
Low
Low
High
100
Low
High
Low
110
Low
High
High
120
High
Low
Low
129
High
Low
High
139
High
High
Low
150
High
High
High
Table 2. MAX9708 Gain Setting
G1
G2
GAIN (dB)
Low
High
22
High
High
25
High
Low
29.5
Low
Low
36
Table 3. Switching Frequencies
FS1
FS2
SYNCOUT
FREQUENCY (kHz)
MODULATION
00
200
Fixed-Frequency
01
250
Fixed-Frequency
10
160
Fixed-Frequency
11
200 ±4
Spread-Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com