Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250BA2Q1306 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS6250BA2Q1306 Datasheet HTML 10Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 11Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 12Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 13Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 14Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 15Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 16Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 17Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 18Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DA6250.007
13 April, 2018
14 (24)
In piezo driving mode (DIN=HIGH or switching) the boost DC/DC converter output voltage can be controlled by
external voltage division resistors R1 and R2. See figures 3-4 and 9-12. The output voltage is regulated to level
which sets the FB feedback pin voltage to 0.4V typically. Table 3 shows example resistors values for different
output voltages. Note that the feedback resistors are not always necessary since when not connected the output
voltage will be regulated to over voltage protection (OVP) voltage 17.5V typically. See figures 1-2 and 5-8. When
driving only LEDs (CTRL=HIGH or PWM signal, DIN=LOW) the maximum output voltage (VOUT) is limited to
OVP voltage regardless of the FB pin connection.
Table 3. Feedback resistor (R1, R2) and DC/DC boost output voltage (VOUT) examples
R1
[kΩ]
R2 [M
Ω]
VOUT [V]
200
4.3
9
150
3.6
10
162
4.7
12
274
10
15
-
-
17.5
Note: VOUT=VFB*(1+R2/R1), VFB=0.4V
Note that use of external VOUT adjusting feedback resistors increases shutdown current by amount of IEXT_FB =
VIN/(R1+R2) since VOUT follows VIN voltage when the device is in shutdown. To keep the shutdown current low
the external feedback resistance (R1+R2) should be close to 10M
 level. For good feedback regulation the max
R1 should not exceed 400k
.
When driving LEDs they are connected in series from VOUT to ILED which is the current sink pin. Additionally
LED current setting resistor RLED needs to be connected from RLED pin to GND. See figures 4-6 and 10. The
table 4 shows example RLED resistor values and corresponding LED current levels. Additionally PWM signal can
be applied to the CTRL pin for LED dimming to reduce average LED current from level defined with the RLED
resistor.
Table 4. LED current setting resistor examples
RLED
[
Ω]
ILED
[mA]
40.2
5.0
20
10.0
13.3
15.0
Note: ILED=VRLED/RLED, VRLED=0.2V typ
In self-drive mode (frequency adjustment resistor connected from ROSC pin to GND) the piezo audio signal
frequency is generated from an internal oscillator. The oscillator frequency is controlled by external oscillator
resistor ROSC. Table 5 shows examples of piezo audio signal frequencies achieved at different ROSC resistor
values. Internal oscillator is factory trimmed to produce 3.435kHz frequency when using 121k
Ω ROSC resistor.
See note below the table 5.
Table 5. Self-drive mode oscillator resistor and output frequency examples
ROSC
[kΩ]
(E96 1%)
FAUDIO
[kHz]
412
1.0
280
1.5
210
2.0
165
2.5
140
3.0
133
3.1
127
3.3
121
3.4
118
3.5
105
4.0
Note: FAUDIO [kHz] = 415.6 / ROSC [k
Ω]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com