Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250BA2Q1306 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6250BA2Q1306 Datasheet HTML 1Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 2Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 3Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 4Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 5Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 6Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 7Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 8Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DA6250.007
13 April, 2018
5 (24)
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 3.0 V, L = 2.2 H, CIN = 10 F, COUT = 100 nF, CLOAD = 15 nF, DIN = 3.4 kHz;
unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Audio Signal Frequency
from Internal Oscillator
FAUDIO
Oscillator frequency adjustment
resistor; VIN=3V, TA = 27°C
FAUDIO=415.6kHz*kΩ/ROSC,
ROSC=412k
ROSC=280k
ROSC=210k
ROSC=165k
ROSC=140k
ROSC=133k
ROSC=127k
ROSC=121k
ROSC=118k
ROSC=105k
Ω, Note 1
3.33
1.0
1.5
2.0
2.5
3.0
3.1
3.3
3.43
3.5
4.0
3.5
kHz
DC/DC Converter
Startup-Up Time
tSTART-UP
VOUT=15V (R2/R1=36.5)
VIN=3.0V
VIN=1.2V
250
650
µs
Output Rise/Fall Time
tSLEW
VIN=3V, VOUT=15V (R2/R1=36.5)
VON: CLOAD=15nF
VOP-VON: CLOAD=15nF
VON: CLOAD=75nF, COUT=470nF
VOP-VON: CLOAD=75nF, COUT=470nF
10
20
50
100
µs
Shutdown Delay
tOFF
Time before device off mode after both
DIN and CTRL have gone to LOW
7
10
15
ms
Control Input Threshold
VIH
DIN and CTRL pins, Note 2
0.9
V
VIL
DIN and CTRL pins
0.4
V
Control Input Current
IIH
DIN, CTRL = 3V
DIN, CTRL = 0.4V, Note 3
0.01
1
1
µA
IIL
DIN, CTRL = 0V
0.01
1
µA
Note 1: The external ROSC resistor adjusts oscillator bias current which sets the oscillator frequency. The oscillator frequency is not
available from the OSC pin.
Note 2: Control inputs can be driven even from low supply voltage controller due to low 0.9V VIH min threshold.
Note 3: DIN and CTRL pins have active pull-down by 400k
Ω which disabled to save current when inputs are pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com