Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250BA2Q1306 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6250BA2Q1306 Datasheet HTML 1Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 2Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 3Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 4Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 5Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 6Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 7Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 8Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DA6250.007
13 April, 2018
2 (24)
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VIN
-0.3
6
V
High Voltage Pins
VOUT,
VOP, VON,
SW, ILED
-0.3
20
V
Voltage Range for
Input Pins
DIN, CTRL
-0.3
6
V
FB, RLED
-0.3
3
V
ROSC
-0.3
VIN + 0.3
V
Piezo Buffer Output
Short-Circuit Duration
tSC
VOP=VON=GND
Note 1
Continuous
Storage Temperature
Note 2
-40
+125
oC
Junction Temperature
-40
+150
oC
ESD Rating
VHBM
Human Body Model (HBM)
Note 3
±1000
V
VCDM
Charged Device Model (CDM)
Note 4
±500
V
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not operate under these
conditions, but it will not be destroyed.
Note 1: The VOUT pin is not allowed to be shorted to ground.
Note 2: On chip EEPROM memory storing factory trimming values has data retention of minimum 10 years at +125°C.
Note 3: JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
Note 4: JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com