Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250BA2Q1306 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6250BA2Q1306 Datasheet HTML 7Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 8Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 9Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 10Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 11Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 12Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 13Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 14Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DA6250.007
13 April, 2018
11 (24)
Figure 11. External drive mode with PWM volume control (VOUT=6.7
V…16.1V i.e. 7.6dB control range)
Figure 12. MAS6250 as +15V DC/DC power supply with DIN pin enable/disable control
MAS6250 can be also used just as DC/DC power supply with DIN enable/disable control. See figure 12. Note
that in shutdown (DIN=low) the VOUT follows VIN (VDD) since there is internal diode connection from VIN to
VOUT. When driving LEDs or resistive load the minimum supply voltage can be higher than 1.2V. See figures 21-23 for output current
drive capability at LED and resistive
loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com