Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250BA2Q1306 Datasheet(PDF) 21 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 21 Page - Micro Analog systems

Back Button MAS6250BA2Q1306 Datasheet HTML 16Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 17Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 18Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 19Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 20Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 21Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 22Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 23Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 24Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DA6250.007
13 April, 2018
21 (24)
DEVICE OUTLINE CONFIGURATION
Top Marking Information:
6250 = Product Number
VVV = Version Number
YWW = Year Week
QFN-16 3.0x3.0x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
RLED
1
AIO
LED current adjustment resistor
ILED
2
AO
LED current sink
GND
3-4
G
Supply ground pin
VOUT
5-6
AO
Boost DC/DC converter voltage output
PS
7
P
Power save pin
1
VIN
8
P
Positive supply voltage input
SW
9-10
AO
Boost DC/DC converter switch
VOP
11
AO
Inverted piezo driver output
VON
12
AO
Non-inverted piezo driver output
ROSC
13
AIO
Self-drive oscillator frequency adjustment resistor
2
DIN
14
DI
DC/DC and Piezo Drive ON (HIGH) / OFF (LOW) control
CTRL
15
DI
LED current sink ON (HIGH) / OFF (LOW) control
FB
16
AI
Boost DC/DC converter output voltage feedback input
EXP_PAD
-
G
Exposed thermal pad connected to GND
3
G = Ground, P = Power, D = Digital, A = Analog, I = Input, O = Output
Note 1: Normally the PS pin is connected to VIN. This offers reduced power consumption as part of electrical charge from piezo load is
transferred back to input. In case the VOUT voltage is below 7V the PS pin should be connected GND for best efficiency. For example when
driving only one or two 3V LEDs the PS pin should be connected to GND. See figures 4 and 10.
Note 2: For external drive mode connect ROSC to VIN. For self-drive mode connect frequency adjustment resistor from ROSC pin to GND.
Note 3: On PCB the exposed thermal pad must be connected to GND plane using thermal vias functioning as thermal heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com