Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250BA2Q1306 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6250BA2Q1306 Datasheet HTML 1Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 2Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 3Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 4Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 5Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 6Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 7Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 8Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DA6250.007
13 April, 2018
1 (24)
MAS6250
Piezo and LED Driver with Synchronous
Boost DC/DC Converter
• Both Single Ended and Differential Output
• Up to 35Vpp Output from min 1.2V Supply
• External Drive and Self-Drive Audio
Frequency Control for 2-Terminal Piezo
• LED Driver
• High Efficiency
• External Schottky Diode Not Needed
• Small 0806 Size 2.2H Inductor
DESCRIPTION
MAS6250 is a piezo and LED driver device that can
drive piezo outputs up to 35Vpp and sink up to 15mA
LED current using wide range of supply voltage
1.2V…5.5V. An internal high efficiency DC/DC boost
converter with adjustable output voltage generates up
to 17.5V supply voltage for the piezo driver. Internal
over voltage protection (OVP) allows also operating
without
external
feedback
resistors
and
when
connecting FB feedback pin to GND. This configuration
reduces external part count further and provides
highest output voltage 17.5V typically.
MAS6250 uses synchronous type boost DC/DC
converter
which makes external
Schottky diode
unnecessary. Thus MAS6250 is a low part count and
low-cost solution for a high sound pressure piezo
driver.
Two piezo driver outputs (VOP, VON) allow driving
piezo in both single-ended and differential bridge-tied
load (BTL) configurations. MAS6250 supports external
drive and self-drive modes for a 2-terminal piezo.
In external drive mode (ROSC=VIN) an external audio
frequency is fed directly to digital audio input pin (DIN)
allowing external system to drive desired frequency
tones to the piezo. The first rising edge of DIN pin only
turns on the DC/DC boost converter but the piezo
outputs are still kept disabled. When disabled the piezo
driver outputs (VOP, VON) are pulled actively to GND.
Continuous logic high level at DIN inputs keeps DC/DC
converter on and allows using MAS6250 as DC/DC
power supply which is controlled from DIN pin.
At the second rising edge of DIN pin the piezo driver
outputs are activated and DIN signal is transferred to
the piezo output VOP. The same signal is inverted into
output VON for using differential output. The boost
DC/DC converter and piezo driver disable signal
(shutdown mode) will be generated while the signal at
DIN and CTRL has been at low mostly for 15ms.
In self-drive mode the audio frequency is produced
from precise internal oscillator which is adjustable by
just one external resistor. Self-drive mode is selected
by connecting frequency adjustment resistor from
ROSC pin to GND. In self-drive mode the DIN pin is
used to control internal oscillator on (DIN=HIGH) and
off (DIN=LOW) and the oscillator signal is transferred
to the piezo outputs.
MAS6250 has ILED pin for sinking up to 15mA current
from series connected LEDs. The current sink is
enabled by CTRL pin which can be also controlled by
PWM signal in LED dimming purposes. The DC/DC
converter is turned on if either one of DIN or CTRL is
high.
MAS6250 is available in a small 3x3x0.75 mm QFN-16
package.
FEATURES
APPLICATIONS
• Thin 3x3x0.75 mm QFN-16 package
• Wide Supply Voltage Range 1.2V…5.5V
• Both Single Ended and Differential Output
• External Drive and Self-Drive Modes
• Up to 15mA LED Driver
• External Schottky Diode Not Needed
• Small 0806 Size 2.2H Inductor
• Low External Part Count
• Over Voltage Protection (OVP)
• Piezo Buzzers
• Sport Watches
• Smoke Alarms
• White Goods
• Alarm Clocks
• Handheld GPS devices
• Portable Devices with Sound Feature


Similar Part No. - MAS6250BA2Q1306

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
MAS6251AA1Q1306 MAS-MAS6251AA1Q1306 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
More results

Similar Description - MAS6250BA2Q1306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3469 LINER-LT3469 Datasheet
164Kb / 8P
Piezo Microactuator Driver with Boost Regulator
logo
ELM Electronics
ELM412 ELM-ELM412 Datasheet
27Kb / 4P
Piezo Element Driver
logo
TOKO, Inc
TK65600B TOKO-TK65600B Datasheet
172Kb / 12P
INDUCTIVE WHITE LED DRIVER WITH SYNCHRONOUS RECTIFER
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3469 LINER-LT3469_15 Datasheet
167Kb / 8P
Piezo Microactuator Driver with Boost Regulator
logo
Fairchild Semiconductor
FAN5776 FAIRCHILD-FAN5776 Datasheet
2Mb / 15P
Synchronous Boost and Series / Parallel 10-LED Driver
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
MAS6241 MAS-MAS6241 Datasheet
431Kb / 9P
Piezo Driver with 3x Charge Pump
logo
ETA SOLUTIONS CO. LIMIT...
ETA1637 ETA-ETA1637 Datasheet
288Kb / 1P
Synchronous LED Driver with 0.1%
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com