Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6250BA2Q1306 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6250BA2Q1306 Datasheet HTML 1Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 2Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 3Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 4Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 5Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 6Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 7Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 8Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DA6250.007
13 April, 2018
4 (24)
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 3.0 V, L = 2.2 H, CIN = 10 F, COUT = 100 nF, CLOAD = 15 nF, DIN = 3.4 kHz;
unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Undervoltage-Lockout
Threshold Levels
UVLORISE
UVLOFALL
Turn on level at VDD rising
Turn off level at VDD falling
1.10
1.05
1.15
1.10
1.20
1.15
V
Over Voltage
Protection Voltage
VOVP
No feedback resistors R1, R2
17
17.5
18
V
Output Voltage at
Current Load
VOUT
VIN=3V, VOUT=15V (R2/R1=36.5)
ILOAD=15mA (RLOAD=1k
Ω)
15
V
Piezo Driver Output
Voltage at Capacitive
Load
VOP,
VON
VIN=3V, VOUT=15V (R2/R1=36.5)
VON: CLOAD=15nF
VOP-VON: CLOAD=15nF
VON: CLOAD=75nF, COUT=470nF
VOP-VON: CLOAD=75nF, COUT=470nF
15
29.8
14.9
29
Vpp
VIN=1.2V, VOUT=15V (R2/R1=36.5)
VON: CLOAD=15nF
VOP-VON: CLOAD=15nF
VON: CLOAD=75nF, COUT=470nF
VOP-VON: CLOAD=75nF, COUT=470nF
14.7
29.2
13.6
23.6
Vpp
Feedback Voltage
VFB
0.38
0.4
0.42
V
LED Current Resistor
Voltage
VRLED
0.19
0.2
0.21
V
Shutdown Current
ISD
CTRL=DIN=LOW, VOUT=17.5V (no
external feedback resistors)
Note 1
0.11
2
µA
Quiescent Current
IQ
CTRL=LOW, DIN=HIGH, no load
VOUT=15V (R2/R1=36.5)
VIN=3.0V,
VIN=4.2V, Note 2
400
140
µA
Current Consumption
at Shorted Piezo
Driver Outputs
ISC_VIN
VIN=3.0V, VOP=VON=GND
176
mA
Current Consumption
IIN
VIN=3V, VOUT=15V (R2/R1=36.5)
VON: CLOAD=15nF
VOP-VON: CLOAD=15nF
VON: CLOAD=75nF, COUT=470nF
VOP-VON: CLOAD=75nF, COUT=470nF
6.5
14
28
62
mA
VIN=1.2V, VOUT=15V (R2/R1=36.5)
VON: CLOAD=15nF
VOP-VON: CLOAD=15nF
VON: CLOAD=75nF, COUT=470nF
VOP-VON: CLOAD=75nF, COUT=470nF
25
52
89
160
mA
LED loading ILED=10mA (RLED=20
Ω)
VIN=3V, VOUT=6.4V (two 3V LEDs)
VIN=3V, VOUT=9.4V (three 3V LEDs)
VIN=3V, VOUT=12.4V (four 3V LEDs)
31
46
66
mA
Efficiency
LED
LED loading
VIN=3V, VOUT=6.4V (two 3V LEDs)
ILED=10mA, Note 3
71
%
Boost DC/DC
Converter Switch ON-
Resistance
RDS(ON)_LS
Low side switch
VIN=3V, VOUT=15V, TA = 27°C
0.55
1.0
RDS(ON)_HS
High side switch
VIN=3V, VOUT=15V, TA = 27°C
1.1
2.5
Note 1: DIN has been low at least 15 ms. This shutdown current value is valid for case when no external feedback resistors are connected.
When using external VOUT adjusting feedback resistors (R1, R2) the shutdown current will increase by amount of IEXT_FB = VIN/(R1+R2)
since VOUT follows VIN voltage when the device is in shutdown. To keep the shutdown current low the external feedback resistance
(R1+R2) should be kept close to 10M
 level.
Note 2: Current consumption when boost converter is active but outputs are not loaded
Note 3: 3x3x1.2mm size 2.2µH inductor from Taiyo Yuden (NR3012T2R2M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com