Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266P Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7266P
Description  33W DUAL BRIDGE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7266P Datasheet HTML 2Page - STMicroelectronics TDA7266P Datasheet HTML 3Page - STMicroelectronics TDA7266P Datasheet HTML 4Page - STMicroelectronics TDA7266P Datasheet HTML 5Page - STMicroelectronics TDA7266P Datasheet HTML 6Page - STMicroelectronics TDA7266P Datasheet HTML 7Page - STMicroelectronics TDA7266P Datasheet HTML 8Page - STMicroelectronics TDA7266P Datasheet HTML 9Page - STMicroelectronics TDA7266P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TDA7266P
6/12
Figure 6. Stand-alone low-cost Application
Figure 7. Application Circuit
5
6
8
Vref
ST-BY
11
IN1
C3 0.22
µF
VCC
18
7
D03AU1534A
+
-
-
+
OUT1+
OUT1-
20
19
17
MUTE
10
IN2
C5 0.22
µF
+
-
-
+
OUT2+
OUT2-
24
14
S-GND
PW-GND
C1
470
µF
C2
100nF
C7
100nF
R1
24K
C4
10
µF
R2
47K
1
5
6
8
Vref
ST-BY
JP1
11
IN1
C3 0.22
µF
VCC
18
7
D03AU1551
+
-
-
+
OUT1+
OUT1-
20
19
17
MUTE
10
IN2
C5 0.22
µF
+
-
-
+
OUT2+
OUT2-
24
14
S-GND
PW-GND
C1
470
µF
C2
100nF
C7
100nF
1
C4
10
µF
R1
R2
C6
1
µF
R3 10K
R4 10K
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com