Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266P Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7266P
Description  33W DUAL BRIDGE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266P Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7266P Datasheet HTML 1Page - STMicroelectronics TDA7266P Datasheet HTML 2Page - STMicroelectronics TDA7266P Datasheet HTML 3Page - STMicroelectronics TDA7266P Datasheet HTML 4Page - STMicroelectronics TDA7266P Datasheet HTML 5Page - STMicroelectronics TDA7266P Datasheet HTML 6Page - STMicroelectronics TDA7266P Datasheet HTML 7Page - STMicroelectronics TDA7266P Datasheet HTML 8Page - STMicroelectronics TDA7266P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
TDA7266P
Figure 5. Microprocessor Driving Signals
3.1.2 B) Low Cost Application
In low cost applications where the
µP is not present, the suggested circuit is shown in fig.6.
The St-by and mute terminals are tied together and they are connected to the supply line via an external voltage
divider.
The device is switched-on/off from the supply line and the external capacitor C4 is intended to delay the St-by
and mute threshold exceeding, avoiding "Popping" problems.
So to avoid any popping or clicking sond, it is important to clock:
a Correct Sequence: At turn-ON, the Stand-by must be removed at first, then the Mute must be re-
leased after a delay of about 100-200ms. On the contrary at turn-OFF the Mute must be activated
as first and then the Stand-by.
With the values suggested in the Application circuit the right operation is guaranteed.
b Correct Threshold Voltages: In order to avoid that due to the spread in the internal thresholds (see
the above limits) a wrong external voltage causes uncertain commutations for the two functions we
suggest to use the following values:
Mute for Vcc>6.4V
: VT = 2.3V
Mute for Vcc<6.4V
: VT = Vcc/2 - 1
Stand-by
: VT = 0.8V
+VS(V)
VIN
(mV)
VST-BY
pin 11
Iq
(mA)
ST-BY
MUTE
PLAY
MUTE
ST-BY
+7.5
1.8
0.8
VMUTE
pin 10
4.1
2.3
OFF
OFF
D03AU1535A
VOUT
(V)
2.9
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com