Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266P Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7266P
Description  33W DUAL BRIDGE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266P Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7266P Datasheet HTML 1Page - STMicroelectronics TDA7266P Datasheet HTML 2Page - STMicroelectronics TDA7266P Datasheet HTML 3Page - STMicroelectronics TDA7266P Datasheet HTML 4Page - STMicroelectronics TDA7266P Datasheet HTML 5Page - STMicroelectronics TDA7266P Datasheet HTML 6Page - STMicroelectronics TDA7266P Datasheet HTML 7Page - STMicroelectronics TDA7266P Datasheet HTML 8Page - STMicroelectronics TDA7266P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
TDA7266P
(*) Measured on demoboard of figure 8 with gaussian noise signal which simulates Music/Speech programmes.
Table 4. Electrical Characteristcs
(Refer to test circuit; VCC = 7.5V, RL = 8Ω, f = 1KHz, Tamb = 25°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply Range
3.5
12
V
Iq
Total Quiescent Current
40
mA
VOS
Output Offset Voltage
120
mV
PO
Output Power
THD 10%
3
W
PO
Output Music Power (*)
4
W
THD
Total Harmonic Distortion
PO = 1W
0.03
0.2
%
PO = 0.1W to 2W
f = 100Hz to 15KHz
1%
SVR
Supply Voltage Rejection
f = 100Hz, VR =0.5V
40
56
dB
CT
Crosstalk
46
60
dB
AMUTE
Mute Attenuation
60
80
dB
Tw
Thermal Threshold
150
°C
GV
Closed Loop Voltage Gain
25
26
27
dB
∆GV
Voltage Gain Matching
0.5
dB
Ri
Input Resistance
25
30
K
Ω
VTMUTE
Mute Threshold
for VCC > 6.4V; Vo = -30dB
2.3
2.9
4.1
V
for VCC < 6.4V; Vo = -30dB
VCC/2
-1
VCC/2
-0.75
VCC/2
-0.5
V
VTST-BY
St-by Threshold
0.8
1.3
1.8
V
IST-BY
St-by Current V6 = GND
100
µA
eN
Total Output Voltage
A Curve
150
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com