Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266P Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7266P
Description  33W DUAL BRIDGE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266P Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7266P Datasheet HTML 4Page - STMicroelectronics TDA7266P Datasheet HTML 5Page - STMicroelectronics TDA7266P Datasheet HTML 6Page - STMicroelectronics TDA7266P Datasheet HTML 7Page - STMicroelectronics TDA7266P Datasheet HTML 8Page - STMicroelectronics TDA7266P Datasheet HTML 9Page - STMicroelectronics TDA7266P Datasheet HTML 10Page - STMicroelectronics TDA7266P Datasheet HTML 11Page - STMicroelectronics TDA7266P Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
TDA7266P
5
TYPICAL CHARACTERISTICS (Referred to application circuit of figure 8 unless otherwise specified)
Figure 12. Distortion vs Frequency
Figure 13. Distortion vs Output Power
Figure 14. Distortion vs Output Power
Figure 15. Gain vs Frequency
Figure 16. Mute Attenuation vs Vpin.10
Figure 17. Stand-By attenuation vs Vpin 11
0.010
0.1
1
10
100
1k
10k
20k
THD(%)
Vcc = 7.5V
Rl = 8 ohm
Pout = 100mW
Pout = 2W
frequency (Hz)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
3
200m
300m 400m500m
700m
1
2
W
Vs= 7.5V
Rl= 8 Ohm
F= 1 KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
4
200m
300m
400m
600m
800m
1
2
3
W
Vs= 8 .5V
Rl= 8 Ohm
F= 1 KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
4
200m
300m
400m
600m
800m
1
2
3
W
Vs= 8 .5V
Rl= 8 Ohm
F= 1 KHz
-5.000
-4.000
-3.000
-2.000
-1.000
0.0
1.0000
2.0000
3.0000
4.0000
5.0000
10
100
1k
10k
100k
Level(dBr)
Vcc = 7.5V
Rl = 8 ohm
Pout = 1W
frequency (Hz)
11.5
2
2.533.544.5
5
0
10
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Attenuation (dB)
Vpin.10(V)
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4
0
10
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
Attenuation (dB)
Vpin.11 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com