Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266P Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7266P
Description  33W DUAL BRIDGE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266P Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7266P Datasheet HTML 1Page - STMicroelectronics TDA7266P Datasheet HTML 2Page - STMicroelectronics TDA7266P Datasheet HTML 3Page - STMicroelectronics TDA7266P Datasheet HTML 4Page - STMicroelectronics TDA7266P Datasheet HTML 5Page - STMicroelectronics TDA7266P Datasheet HTML 6Page - STMicroelectronics TDA7266P Datasheet HTML 7Page - STMicroelectronics TDA7266P Datasheet HTML 8Page - STMicroelectronics TDA7266P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TDA7266P
2/12
Table 2. Absolute Maximum Ratings
Figure 3. Pin Connection (Top view)
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
20
V
IO
Output Peak Current (internally limited)
1.5
A
Top
Operating Temperature
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Table 3. Themal Data
Symbol
Parameters
Value
Unit
R th j-case Thermal Resistance Junction to Case
Typ.
1.5
°C/W
PW GND
N.C.
N.C.
N.C.
N.C.
OUT2-
OUT2+
+VS
IN2
N.C.
N.C.
10
8
9
7
6
5
4
3
2
17
18
19
20
21
23
22
24
16
1
15
MUTE
D03AU1532
STBY
12
11
N.C.
SGND
N.C.
14
13
IN1
+VS
OUT1+
OUT1-
N.C.
N.C.
N.C.
PW GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com