Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266P Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7266P
Description  33W DUAL BRIDGE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266P Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7266P Datasheet HTML 4Page - STMicroelectronics TDA7266P Datasheet HTML 5Page - STMicroelectronics TDA7266P Datasheet HTML 6Page - STMicroelectronics TDA7266P Datasheet HTML 7Page - STMicroelectronics TDA7266P Datasheet HTML 8Page - STMicroelectronics TDA7266P Datasheet HTML 9Page - STMicroelectronics TDA7266P Datasheet HTML 10Page - STMicroelectronics TDA7266P Datasheet HTML 11Page - STMicroelectronics TDA7266P Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TDA7266P
8/12
4
PCB LAYOUT AND EXTERNAL COMPONENTS
Regarding the PCB layout care must be taken for three main subjects:
1) Signal and Power Gnd separation
2) Dissipating Copper Area
3) Filter Capacitors positioning
1) Signal and Power Gnd separation:
To the Signal GND must be referred the Audio Input Signals, the Mute and Stand-by Voltages and the
device PIN.14. This Gnd path must be as clean as possible in order to improve the device THD+Noise
and to avoid spurious oscillations across the speakers.
The Power GND is directly connected to the Output power Stage transistors (Emitters) and is crossed
by large amount of current, this path is also used in this device to dissipate the heating generated (no
needs of external heatsinker).
Referring to the typical application circuit, the separation between the two GND paths must be obtained
connecting them separately (star routing) to the bulk
Electrolithic capacitor C1 (470
µF).
Regarding the Power Gnd dimensioning we have to consider the Dissipated Power the Thermal Pro-
tection Threshold and the Package thermal Characteristics.
2) Dissipating Copper Area:
Dissipated Power:
The max dissipated power happens for a THD near 1% and is given by the formula:
This gives for: Vcc = 7.5V, Rl = 8
Ω ,Iq = 40mA a dissipated power of Pd = 3W.
Thermal Protection:
The thermal protection threshold is placed at a junction temperature of 150°C.
Package Thermal Characteristics:
The thermal resistance Junction to Ambient obtainable with a GND copper Area of 3x3 cm and with 16 via
holes (see picture) is about 25°C/W. This means that with the above mentioned max dissipated Power
(Pd=3W) we can expect a 75°C, this gives a safety margin before the thermal protection intervention in the
consumer environments where a 50°C ambient is specified as maximum
Figure 11.
3)Filter Capacitors Positioning:
The two Ceramic capacitors C2/C7 (100nF) must be placed as close as possible
respectively to the two Vcc pins ( 7 - 18) in order to avoid the possibiltiy of oscillations arising on the
output Audio signals.
P
dm ax W
()
2
V
CC
2
π
2
Rl
2
------
--------------
I
q VCC
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com