Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266P Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7266P
Description  33W DUAL BRIDGE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266P Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7266P Datasheet HTML 1Page - STMicroelectronics TDA7266P Datasheet HTML 2Page - STMicroelectronics TDA7266P Datasheet HTML 3Page - STMicroelectronics TDA7266P Datasheet HTML 4Page - STMicroelectronics TDA7266P Datasheet HTML 5Page - STMicroelectronics TDA7266P Datasheet HTML 6Page - STMicroelectronics TDA7266P Datasheet HTML 7Page - STMicroelectronics TDA7266P Datasheet HTML 8Page - STMicroelectronics TDA7266P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TDA7266P
4/12
3
APPLICATIVE SUGGESTIONS
3.1 STAND-BY AND MUTE FUNCTIONS
3.1.1 (A) Microprocessor Application
In order to avoid annoying "Pop-Noise" during Turn-On/Off transients, it is necessary to guarantee the right St-
by and mute signals sequence.It is quite simple to obtain this function using a microprocessor (Fig. 4 and 5).
At first St-by signal (from
µP) goes high and the voltage across the St-by terminal (Pin 11) starts to increase
exponentially. The external RC network is intended to turn-on slowly the biasing circuits of the amplifier, this to
avoid "POP" and "CLICK" on the outputs.
When this voltage reaches the St-by threshold level, the amplifier is switched-on and the external capacitors in
series to the input terminals (C1, C3) start to charge.
It's necessary to mantain the mute signal low until the capacitors are fully charged, this to avoid that the device
goes in play mode causing a loud "Pop Noise" on the speakers.
A delay of 100-200ms between St-by and mute signals is suitable for a proper operation.
Figure 4. Microprocessor Application
5
6
8
Vref
ST-BY
11
IN1
C1 0.22
µF
VCC
18
7
D03AU1533
+
-
-
+
OUT1+
OUT1-
20
19
17
MUTE
10
IN2
C3 0.22
µF
+
-
-
+
OUT2+
OUT2-
24
14
S-GND
PW-GND
C5
470
µF
C6
100nF
R1 10K
C2
10
µF
µP
R2 10K
C4
1
µF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com