Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 16Page - Texas Instruments TUSB8044AI Datasheet HTML 17Page - Texas Instruments TUSB8044AI Datasheet HTML 18Page - Texas Instruments TUSB8044AI Datasheet HTML 19Page - Texas Instruments TUSB8044AI Datasheet HTML 20Page - Texas Instruments TUSB8044AI Datasheet HTML 21Page - Texas Instruments TUSB8044AI Datasheet HTML 22Page - Texas Instruments TUSB8044AI Datasheet HTML 23Page - Texas Instruments TUSB8044AI Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
20
TUSB8044A
SLLSF92 – FEBRUARY 2019
www.ti.com
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The TUSB8044A supports the Billboard Alternate Mode Capability Descriptor. The dwAlternateModeVdo field in
the descriptor defaults to 0x00001C45 to align with DisplayPort Alt mode VDO with capabilities described in
Table 5. The default can be changed from OTP or EEPROM/SMbus. All dwAlternateModeVdo bits are
accessible from the EEPROM/SMbus but only some of the bits are accessible thru OTP.
Table 5. DisplayPort Capabilities VDO
Bit(s)
Default Value
Description
OTP Configurable
1:0
01b
00b = Reserved
01b = UFP_D capable
10b = DFP_D capable
11b = Both UFP
Yes
2
1b
Supports DP Standard signalling rates
No
5:3
000b
Reserved
No
6
1b
0b = DP Interface presented on USB-C plug
1b = DP Interface presented on USB-C
receptacle
Yes
7
0b
0b = USB 2.0 signalling may be required in
DisplayPort configuration
1b = USB 2.0 signally not required in
DisplayPort configuration
Yes
9:8
00b
Reserved
No
12:10
111b
DFP_D pin assignments supported.
000b = DFP_D pin assignments are not
supported.
xx1b = Pin Assignment C is supported.
x1xb = Pin Assignment D is supported.
1xxb = Pin Assignment E is supported.
Yes
17:13
00000b
Reserved
No
20:18
000b
UFP_D pin assignments supported.
000b = UFP_D pin assignments are not
supported.
xx1b = Pin Assignment C is supported.
x1xb = Pin Assignment D is supported.
1xxb = Pin Assignment E is supported.
Yes
31:21
00000000000b
Reserved
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com