Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 38Page - Texas Instruments TUSB8044AI Datasheet HTML 39Page - Texas Instruments TUSB8044AI Datasheet HTML 40Page - Texas Instruments TUSB8044AI Datasheet HTML 41Page - Texas Instruments TUSB8044AI Datasheet HTML 42Page - Texas Instruments TUSB8044AI Datasheet HTML 43Page - Texas Instruments TUSB8044AI Datasheet HTML 44Page - Texas Instruments TUSB8044AI Datasheet HTML 45Page - Texas Instruments TUSB8044AI Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
42
TUSB8044A
SLLSF92 – FEBRUARY 2019
www.ti.com
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.26 Billboard Configuration
Figure 27. Register Offset 2Bh (Billboard Configuration)
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
0
0
0
X
X
0
0
Table 34. Bit Descriptions – Billboard Configuration.
Bit
Field
Type
Description
7:4
VCONN_PWR
RW
VCONN power. This field is used when SMBus mode is selected.
When I2C mode is selected, this field is read-only and will always
return 1000b. The TUSB8044A will use value programmed into this
register to update the VCONN Power field in the Billboard Capability
Descriptor.
0000b: 1 Watt
0001b: 1.5 Watts
0010b: 2 Watts
0011b: 3 Watts
0100b: 4 Watts
0101b: 5 Watts
0110b: 6 Watts
0111b: Reserved.
1XXXb: The adapter does NOT require any Vconn power.
3:2
bbConfigured[1:0]
RW
bmConfigured[1:0]. This field is used when SMBus mode is selected.
Controls the bmConfigured[1:0] fields in the Billboard Capability
Descriptor. When I2C mode is selected, then bmConfigured[1:0] fields
are read-only and values are determined by BBbmConfigured[1:0]
pins.
00b: Unspecified Error
01b: Alternate Mode Configuration Not attempted.
10b: Alternate Mode configured attempted but unsuccessful.
11b: Alternate Mode configured successfully.
1
bAdditionalFailureInfo
RW
bAdditionalFailureInfo. This field is used when SMBus mode is
selected. This field is ignored if VCONN_PWR[3] is set. The value
programmed into this field will be presented in the
bAdditionalFailureInfo field in the Billboard Capability Descriptor.
When in I2C mode, this field is read-only and defaults to 0.
0
BillboardEN
RW
Billboard Enable. This field is used when SMBus mode is selected.
When I2C mode is selected, this field is read-only and Billboard
connected state is determined by BBEN pin.
0b: Billboard not connected.
1b: Billboard connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com