Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 36Page - Texas Instruments TUSB8044AI Datasheet HTML 37Page - Texas Instruments TUSB8044AI Datasheet HTML 38Page - Texas Instruments TUSB8044AI Datasheet HTML 39Page - Texas Instruments TUSB8044AI Datasheet HTML 40Page - Texas Instruments TUSB8044AI Datasheet HTML 41Page - Texas Instruments TUSB8044AI Datasheet HTML 42Page - Texas Instruments TUSB8044AI Datasheet HTML 43Page - Texas Instruments TUSB8044AI Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
40
TUSB8044A
SLLSF92 – FEBRUARY 2019
www.ti.com
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.22 Billboard SVID LSB
Figure 23. Register Offset 27h (Billboard SVID LSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 30. Bit Descriptions – Billboard SVID LSB
Bit
Field
Type
Description
7:0
SVID_LSB
RW
SVID. This field is the LSB of the 16-bit SVID. When Billboard SVID
LSB and MSB are all zero, the ROM default is returned for descriptor
request by the BB device, but this register still reads back zero. This
field's default can be changed using an external I2C EEPROM or
SMBus.
8.5.23 Billboard SVID MSB
Figure 24. Register Offset 28h (Billboard SVID MSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 31. Bit Descriptions – Billboard SVID MSB
Bit
Field
Type
Description
7:0
SVID_MSB
RW
SVID. This field is the MSB of the 16-bit SVID. When Billboard SVID
LSB and MSB are all zero, the ROM default is returned for descriptor
request by the BB device, but this register still reads back zero. This
field's default can be changed using an external I2C EEPROM or
SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com