Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 51 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 51 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 47Page - Texas Instruments TUSB8044AI Datasheet HTML 48Page - Texas Instruments TUSB8044AI Datasheet HTML 49Page - Texas Instruments TUSB8044AI Datasheet HTML 50Page - Texas Instruments TUSB8044AI Datasheet HTML 51Page - Texas Instruments TUSB8044AI Datasheet HTML 52Page - Texas Instruments TUSB8044AI Datasheet HTML 53Page - Texas Instruments TUSB8044AI Datasheet HTML 54Page - Texas Instruments TUSB8044AI Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
I2C_SDA
I2C_SCL
BBbmConfigured0
BBEN
BBbmConfigured1
I2C_SDA
I2C_SCL
BBEN
BBbmConfigured0
BBbmConfigured1
SS_SEL_DP
4.7k
R16
4.7k
R15
3P3V
C1_CC1
4
C1_CC2
5
C2_CC1
6
C2_CC2
7
GPIO
3
VBUS2
2
VBUS1
1
GPIO
10
GPIO
8
GPIO
9
GPIO
11
GPIO
12
HPD
15
SDA
13
SCL
14
U5
PD controller
UFP_CC1
VCONN
DFP_CC1
DFP_CC2
DP_hub_HPD
UFP_VBUS
DFP_VBUS
EEPROM
U6
I2C_SCL
I2C_SDA
OVERCUR1z
PWRCT1_BATEN1
SCL/SMBCLK
38
SDA/SMBDAT
37
BBEN/HS_UP
42
BBbmConfigured0/FULLAUTO/SS_UP
40
BBbmConfigu red1/AUTOEN/HS_SUSPEND
45
U1F
TUSB8044ARGCR
GND
1
IN
2
IN
3
EN1
4
EN2
5
FAULT2
6
ILIM
7
OUT2
8
OUT1
9
FAULT1
10
PAD
11
U3
TPS2561DRCR
5V
OVERCUR2z
3P3V
10k
R10
10k
R9
PWRCT2_BATEN2
PWRCT3_BATEN3
OVERCUR3z
0.1uF
C30
0.1uF
C31
150µF
C32
150µF
C33
GND
25.5k
R11
DN2_VBUS
DN3_VBUS
GND
1
IN
2
IN
3
EN
4
FLT
5
OUT
6
PAD
9
OUT
8
OUT
7
U4
TPS2001CDGN
5V
PWRCT4_BATEN4
OVERCUR4z
3P3V
10k
R12
4.7uF
C35
0.1uF
C36
0.1uF
C34
GND
GND
DN4_VBUS
150µF
C38
0.1uF
C37
4.7uF
C28
0.1uF
C29
0.1uF
C27
GND
51
TUSB8044A
www.ti.com
SLLSF92 – FEBRUARY 2019
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.1.2.6
VBUS Power Switch Implementation
This particular example uses the Texas Instruments TPS2561 Dual Channel Precision Adjustable Current-
Limited power switch. For details on this power switch or other power switches available from Texas Instruments,
refer to the Texas Instruments website.
Figure 42. VBUS Power Switch Implementation
9.2.1.2.7
PD Controller and EEPROM Implementation
In this specfic application, PD controller monitors and controls the CC line and the VBUS on both the upstream
Type-C port and the downstream Type-C port. It also utilizes BBconfigure0 and BBconfigure1 to set up the
billboard function of TUSB8044 and custom billboard information is stored in the EEPROM. Moreover, the
controller uses the GPIOs to control the super speed MUX.
The TUSB8044 loads the 256 bytes plus the billboard strings from an external EEPROM. The billboard string
starts at address 0x100 and ends at address 0x2DF for a total of 480 bytes. A minimum of 5.888Kbit EEPROM is
recommended. EEPROMs do not come in this size so an 8Kbit EEPROM (10-bit addressing) is recommended.
For example, an Atmel AT24C08A could be used.
Figure 43. PD Controller and EEPROM Implementation
Figure 44. PD Controller and EEPROM Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com