Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 25 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 21Page - Texas Instruments TUSB8044AI Datasheet HTML 22Page - Texas Instruments TUSB8044AI Datasheet HTML 23Page - Texas Instruments TUSB8044AI Datasheet HTML 24Page - Texas Instruments TUSB8044AI Datasheet HTML 25Page - Texas Instruments TUSB8044AI Datasheet HTML 26Page - Texas Instruments TUSB8044AI Datasheet HTML 27Page - Texas Instruments TUSB8044AI Datasheet HTML 28Page - Texas Instruments TUSB8044AI Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
25
TUSB8044A
www.ti.com
SLLSF92 – FEBRUARY 2019
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 7. TUSB8044A Downstream Port Configuration Examples
USED[3:0]
RMBL[3:0]
USB2_ONLY
[3:0]
Reported Port Configuration
Physical to Logical Port mapping
1111
1111
0000
4 Port USB 3.2 Hub
6 Port USB2.0 Hub
Port 5 is permanently attached HID
Port 6 is permanently attached Billboard
Physical1 => Logical Port1 for USB 3.2 and USB2.0.
Physical2 => Logical Port2 for USB 3.2 and USB2.0.
Physical3 => Logical Port3 for USB 3.2 and USB2.0.
Physical4 => Logical Port4 for USB 3.2 and USB2.0.
Physical5 => Logical Port5 for USB2.0.
Physical6 => Logical Port6 for USB2.0.
1110
1111
0000
3 Port USB 3.2 Hub
5 Port USB2.0 Hub
Port 4 is permanently attached HID
Port 5 is permanently attached Billboard.
Physical1 Not used.
Physical2 => Logical Port1 for USB 3.2 and USB2.0.
Physical3 => Logical Port2 for USB 3.2 and USB2.0.
Physical4 => Logical Port3 for USB 3.2 and USB2.0.
Physical5 => Logical Port4 for USB 2.0.
Physical6 => Logical Port5 for USB2.0.
1100
0111
0000
2 Port USB 3.2 Hub
4 Port USB2.0 hub with permanently attached
device on Port 2
Port 3 is a permanently attached HID
Port 4 is a permanently attached Billboard
Physical1 Not used.
Physical2 Not used.
Physical3 => Logical Port1 for USB 3.2 and USB2.0.
Physical4 => Logical Port2 for USB 3.2 and USB2.0.
Physical5 => Logical Port3 for USB2.0.
Physical6 => Logical Port4 for USB2.0.
0011
1111
0010
1 Port USB 3.2 Hub
4 Port USB 2.0 Hub
Port 3 is a permanently attached HID
Port 4 is a permanently attached Billboard
Physical1 => Logical Port1 for USB 3.2 and USB2.0.
Physical2 => Logical Port2 for USB2.0.
Physical3 Not Used.
Physical4 Not used.
Physical5 => Logical Port3 for USB2.0.
Physical6 => Logical Port4 for USB2.0.
1000
1111
0010
1 Port USB 3.2 Hub
4 Port USB 2.0 Hub
Port 3 is a permanently attached HID
Port 4 is a permanently attached Billboard
Physical1 Not used.
Physical2 => Logical Port2 for USB2.0.
Physical3 Not used
Physical4 => Logical Port1 for USB 3.2 and USB2.0.
Physical5 => Logical Port3 for USB2.0.
Physical6 => Logical Port4 for USB2.0.
1111
1111
1110
1 Port USB 3.2 Hub
6 Port USB 2.0 Hub
Port 5 is a permanently attached HID
Port 6 is a permanently attached Billboard
Physical1 => Logical Port1 for USB 3.2 and USB2.0.
Physical2 => Logical Port2 for USB2.0.
Physical3 => Logical Port3 for USB2.0.
Physical4 => Logical Port4 for USB2.0.
Physical5 => Logical Port5 for USB2.0.
Physical6 => Logical Port6 for USB2.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com