Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 37Page - Texas Instruments TUSB8044AI Datasheet HTML 38Page - Texas Instruments TUSB8044AI Datasheet HTML 39Page - Texas Instruments TUSB8044AI Datasheet HTML 40Page - Texas Instruments TUSB8044AI Datasheet HTML 41Page - Texas Instruments TUSB8044AI Datasheet HTML 42Page - Texas Instruments TUSB8044AI Datasheet HTML 43Page - Texas Instruments TUSB8044AI Datasheet HTML 44Page - Texas Instruments TUSB8044AI Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
41
TUSB8044A
www.ti.com
SLLSF92 – FEBRUARY 2019
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.24 Billboard PID LSB
Figure 25. Register Offset 29h (Billboard PID LSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 32. Bit Descriptions – Billboard PID LSB
Bit
Field
Type
Description
7:0
BBPID_LSB
RW
Billboard PID LSB. This field represents the LSB of the 16-bit PID.
When Billboard PID LSB and MSB are all zero, ROM default is
selected for USB descriptor requests. This register however will
continue to read back zero. This field's default can be changed using
an external I2C EEPROM or SMBus
8.5.25 Billboard PID MSB
Figure 26. Register Offset 2Ah (Billboard PID MSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 33. Bit Descriptions – Billboard PID MSB
Bit
Field
Type
Description
7:0
BBPID_LSB
RW
Billboard PID MSB. This field represents the MSB of the 16-bit PID.
When Billboard PID LSB and MSB are all zero, ROM default is
selected for USB descriptor requests. This register however will
continue to read back zero. This field's default can be changed using
an external I2C EEPROM or SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com