Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044AI Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB8044AI
Description  four-port USB 3.2 x1 Gen1 hub with USB billboard
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044AI Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB8044AI Datasheet HTML 22Page - Texas Instruments TUSB8044AI Datasheet HTML 23Page - Texas Instruments TUSB8044AI Datasheet HTML 24Page - Texas Instruments TUSB8044AI Datasheet HTML 25Page - Texas Instruments TUSB8044AI Datasheet HTML 26Page - Texas Instruments TUSB8044AI Datasheet HTML 27Page - Texas Instruments TUSB8044AI Datasheet HTML 28Page - Texas Instruments TUSB8044AI Datasheet HTML 29Page - Texas Instruments TUSB8044AI Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
26
TUSB8044A
SLLSF92 – FEBRUARY 2019
www.ti.com
Product Folder Links: TUSB8044A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.4.4 SMBus Slave Operation
When the SMBus interface mode is enabled, the TUSB8044A supports read block and write block protocols as a
slave-only SMBus device.
Table 8. TUSB8044A SMBus 7-bit address Mapping
TUSB8044A 7-bit
Address
Register Range
Description
7'b1000100
00h thru FFh
Base 0 Registers
7'b1000101
100h thru 1FFh
Base 1 Registers for Billboard string 1 and 2
7'b1000110
200h thru 2DFh
Base 2 Registers for Billboard string 1 and 2
For details on SMBus requirements, refer to the System Management Bus Specification.
NOTE
If the TUSB8044A is addressed by a host using an unsupported protocol it will not
respond. The TUSB8044A waits indefinitely for configuration by the SMBus host and will
not connect on the upstream port until the SMBus host indicates configuration is complete
by clearing the CFG_ACTIVE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com