Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FXLP34
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34 Datasheet(HTML) 4 Page - ON Semiconductor

  FXLP34 Datasheet HTML 1Page - ON Semiconductor FXLP34 Datasheet HTML 2Page - ON Semiconductor FXLP34 Datasheet HTML 3Page - ON Semiconductor FXLP34 Datasheet HTML 4Page - ON Semiconductor FXLP34 Datasheet HTML 5Page - ON Semiconductor FXLP34 Datasheet HTML 6Page - ON Semiconductor FXLP34 Datasheet HTML 7Page - ON Semiconductor FXLP34 Datasheet HTML 8Page - ON Semiconductor FXLP34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC, VCC1
Supply Voltage
-0.5
+4.6
V
VIN
DC Input Voltage
-0.5
+4.6
V
VOUT
DC Output Voltage
HIGH or LOW State
(1)
-0.5
VCC +0.5V
V
VCC=0V
-0.5
+4.6
IIK
DC Input Diode Current
VIN < 0
-50
mA
IOK
DC Output Diode Current
VOUT < 0V
-50
mA
VOUT > VCC
+50
IOH/IOL
DC Output Source/Sink Current
±50
mA
ICC or IGND
DC VCC or Ground Current per Supply Pin
±100
mA
TSTG
Storage Temperature Range
-65
150
°C
PD
Power Dissipation at +85°C
SC70-6
180
mW
MicroPak™-6
130
MicroPak2™-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charge Device Model, JEDEC:JESD22-C101
2000
Note:
1.
IO Absolute Maximum Rating must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC, VCC1
Supply Voltage
1.0
3.6
V
VIN
Input Voltage
0
3.6
V
VOUT
Output Voltage
HIGH or LOW State
0
VCC
V
VCC=0V
0
3.6
IOH/IOL
Output Current in IOH/IOL
VCC=3.0 to 3.6V
±2.6
mA
VCC=2.3 to 2.7V
±2.1
VCC=1.65 to 1.95V
±1.5
VCC=1.40 to 1.60V
±1.0
VCC=1.10 to 1.30V
±0.5
VCC=1.0V
±20
µA
TA
Operating Temperature, Free Air
-40
+85
°C
JA
Thermal Resistance
SC70-6
425
°C/W
MicroPak™-6
500
MicroPak2™-6
560
Note:
2.
Unused inputs must be held HIGH or LOW. They may not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com