Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FXLP34
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FXLP34 Datasheet HTML 6Page - ON Semiconductor FXLP34 Datasheet HTML 7Page - ON Semiconductor FXLP34 Datasheet HTML 8Page - ON Semiconductor FXLP34 Datasheet HTML 9Page - ON Semiconductor FXLP34 Datasheet HTML 10Page - ON Semiconductor FXLP34 Datasheet HTML 11Page - ON Semiconductor FXLP34 Datasheet HTML 12Page - ON Semiconductor FXLP34 Datasheet HTML 13Page - ON Semiconductor FXLP34 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
11
Physical Dimensions
1.00
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994
NOTES:
A. COMPLIES TO JEDEC MO-252 STANDARD
0.05 C
A
B
0.55MAX
0.05 C
C
0.35
0.09
0.19
12
3
0.35
0.25
5X
6X
DETAIL A
0.60
(0.08)
4X
(0.05) 6X
0.40
0.30
0.075X45°
CHAMFER
5X 0.40
0.35
1X 0.45
6X 0.19
TOP VIEW
BOTTOM VIEW
0.66
0.10
CB A
.05 C
0.89
PIN 1
0.05 C
2X
2X
1.00
D. LANDPATTERN RECOMMENDATION IS BASED ON FSC
E. DRAWING FILENAME AND REVISION: MGF06AREV3
0.52
0.73
0.57
0.20 6X
1X
5X
RECOMMENDED LAND PATTERN
FOR SPACE CONSTRAINED PCB
DETAIL A
PIN 1 LEAD SCALE: 2X
ALTERNATIVE LAND PATTERN
FOR UNIVERSAL APPLICATION
DESIGN.
0.90
MIN 250uM
65
4
0.35
(0.08) 4X
SIDE VIEW
Figure 7.
6-Lead, MicroPak2™, 1x1mm Body, .35mm Pitch
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/packaging/MicroPAK2_6L_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
FHX
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com