Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FXLP34
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FXLP34 Datasheet HTML 3Page - ON Semiconductor FXLP34 Datasheet HTML 4Page - ON Semiconductor FXLP34 Datasheet HTML 5Page - ON Semiconductor FXLP34 Datasheet HTML 6Page - ON Semiconductor FXLP34 Datasheet HTML 7Page - ON Semiconductor FXLP34 Datasheet HTML 8Page - ON Semiconductor FXLP34 Datasheet HTML 9Page - ON Semiconductor FXLP34 Datasheet HTML 10Page - ON Semiconductor FXLP34 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
6
AC Electrical Characteristics (Continued)
Symbol
Parameter
Condition
VCC1 (V)
TA=+25°C
TA=-40 to +85°C
Unit
Figure
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.0
CL=15pF,
RL=1M
1.0
28.0
ns
Figure 3,
Figure 4
1.10 to 1.30
16.0
27.0
43.0
12.0
44.8
1.40 to 1.60
15.0
26.0
41.6
11.0
43.6
1.65 to 1.95
14.0
25.0
40.9
10.0
47.9
2.30 to 2.70
13.0
24.0
40.5
9.0
47.5
3.00 to 3.60
12.0
23.0
40.4
8.0
41.4
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.2
CL=15pF,
RL=1M
1.0
19.0
ns
Figure 3,
Figure 4
1.10 to 1.30
9.0
16.0
24.6
8.0
43.1
1.40 to 1.60
8.5
15.0
23.1
7.5
42.2
1.65 to 1.95
8.0
14.0
22.4
7.0
31.4
2.30 to 2.70
7.5
13.0
21.8
6.5
30.7
3.00 to 3.60
7.0
13.0
21.6
6.0
30.5
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.5
CL=15pF,
RL=1M
1.0
15.0
ns
Figure 3,
Figure 4
1.10 to 1.30
6.0
12.0
17.2
5.5
21.5
1.40 to 1.60
5.8
11.0
15.7
5.0
20.3
1.65 to 1.95
5.5
10.0
14.9
4.5
19.6
2.30 to 2.70
5.0
9.0
14.3
4.0
18.9
3.00 to 3.60
4.5
.0
14.2
3.5
18.7
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.8
CL=15pF,
RL=1M
1.0
14.0
ns
Figure 3,
Figure 4
1.10 to 1.30
5.0
8.0
14.2
5.5
18.2
1.40 to 1.60
4.5
7.0
12.7
4.0
17.0
1.65 to 1.95
4.0
6.0
11.9
3.5
16.3
2.30 to 2.70
3.5
5.0
11.3
3.0
15.7
3.00 to 3.60
3.5
5.0
11.2
2.5
14.4
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=2.5
CL=15pF,
RL=1M
1.0
12.0
ns
Figure 3,
Figure 4
1.10 to 1.30
4.0
7.0
11.3
3.5
14.9
1.40 to 1.60
3.5
6.0
9.8
3.0
13.6
1.65 to 1.95
3.0
5.0
9.1
2.5
12.0
2.30 to 2.70
2.5
4.0
8.5
2.0
11.3
3.00 to 3.60
2.5
4.0
8.3
2.0
11.1
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=3.3
CL=15pF,
RL=1M
1.0
11.0
ns
Figure 3,
Figure 4
1.10 to 1.30
3.0
6.0
10.5
2.0
14.2
1.40 to 1.60
2.5
5.0
8.6
1.5
11.0
1.65 to 1.95
2.0
4.0
7.8
1.0
10.3
2.30 to 2.70
1.5
3.0
7.2
1.0
9.7
3.00 to 3.60
1.5
3.0
7.0
1.0
9.4
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com