Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FXLP34
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FXLP34 Datasheet HTML 4Page - ON Semiconductor FXLP34 Datasheet HTML 5Page - ON Semiconductor FXLP34 Datasheet HTML 6Page - ON Semiconductor FXLP34 Datasheet HTML 7Page - ON Semiconductor FXLP34 Datasheet HTML 8Page - ON Semiconductor FXLP34 Datasheet HTML 9Page - ON Semiconductor FXLP34 Datasheet HTML 10Page - ON Semiconductor FXLP34 Datasheet HTML 11Page - ON Semiconductor FXLP34 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
7
AC Electrical Characteristics (Continued)
Symbol
Parameter
Condition
VCC1 (V)
TA=+25°C
TA=-40 to +85°C
Unit
Figure
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.0
CL=30pF,
RL=1M
1.0
34.0
ns
Figure 3,
Figure 4
1.10 to 1.30
19.0
32.0
48.6
15.0
55.5
1.40 to 1.60
18.0
31.0
47.1
14.0
52.3
1.65 to 1.95
17.0
30.0
46.4
13.0
50.6
2.30 to 2.70
16.0
29.0
45.9
12.0
49.2
3.00 to 3.60
15.0
28.0
45.8
10.0
49.1
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.2
CL=30pF,
RL=1M
1.0
22.0
ns
Figure 3,
Figure 4
1.10 to 1.30
11.0
19.0
29.0
10.0
46.5
1.40 to 1.60
10.0
18.0
27.5
9.0
42.6
1.65 to 1.95
9.0
17.0
26.7
8.0
36.7
2.30 to 2.70
8.5
16.0
26.1
7.0
36.0
3.00 to 3.60
8.0
16.0
26.0
6.0
35.9
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.5
CL=30pF,
RL=1M
1.0
16.0
ns
Figure 3,
Figure 4
1.10 to 1.30
6.0
13.0
19.8
5.5
25.3
1.40 to 1.60
5.8
12.0
18.3
5.0
23.0
1.65 to 1.95
5.5
11.0
17.6
4.5
22.4
2.30 to 2.70
5.0
10.0
17.0
4.0
21.7
3.00 to 3.60
4.5
9.0
16.8
3.5
21.5
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.8
CL=30pF,
RL=1M
1.0
15.0
ns
Figure 3,
Figure 4
1.10 to 1.30
5.0
11.0
16.2
5.5
20.4
1.40 to 1.60
4.5
10.0
14.7
4.0
19.2
1.65 to 1.95
4.0
9.0
13.9
3.5
18.5
2.30 to 2.70
3.5
8.0
13.3
3.0
17.9
3.00 to 3.60
3.5
8.0
13.1
2.5
17.6
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=2.5
CL=30pF,
RL=1M
1.0
13.0
ns
Figure 3,
Figure 4
1.10 to 1.30
4.0
8.0
12.7
3.5
15.9
1.40 to 1.60
3.5
7.0
11.2
3.0
14.3
1.65 to 1.95
3.0
6.0
10.5
2.5
13.6
2.30 to 2.70
2.5
5.0
9.9
2.0
12.8
3.00 to 3.60
2.5
5.0
9.7
2.0
12.5
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=3.3
CL=30pF,
RL=1M
1.0
12.0
ns
Figure 3,
Figure 4
1.10 to 1.30
3.0
8.0
11.7
2.0
15.0
1.40 to 1.60
2.5
7.0
9.8
1.5
12.2
1.65 to 1.95
2.0
6.0
8.9
1.0
11.5
2.30 to 2.70
1.5
5.0
8.3
1.0
10.7
3.00 to 3.60
1.5
5.0
8.1
1.0
10.4
Capacitance
Symbol
Parameter
Conditions
VCC /
VCC1 (V)
TA=+25°C
Units
Typical
CIN
Input Capacitance
2
pF
CI/O
Input/Output Capacitance
4
pF
CPD
Power Dissipation Capacitance
VI=0V or VCC1, f=10MHz, VCC / VCC1=3.6V
1.0 to 3.60
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com