Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FXLP34
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34 Datasheet(HTML) 5 Page - ON Semiconductor

  FXLP34 Datasheet HTML 1Page - ON Semiconductor FXLP34 Datasheet HTML 2Page - ON Semiconductor FXLP34 Datasheet HTML 3Page - ON Semiconductor FXLP34 Datasheet HTML 4Page - ON Semiconductor FXLP34 Datasheet HTML 5Page - ON Semiconductor FXLP34 Datasheet HTML 6Page - ON Semiconductor FXLP34 Datasheet HTML 7Page - ON Semiconductor FXLP34 Datasheet HTML 8Page - ON Semiconductor FXLP34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
4
Electrical Characteristics
Symbol Parameter Condition
VCC (V)
VCC1 (V)
TA=+25°C
TA=-40 to +85°C
Unit
Min.
Max.
Min.
Max.
VIH
HIGH Level
Input (VCC1)
1.0 to 3.6
1.0
0.65 x VCCI
0.65 x VCCI
V
1.10
V
CC11.30
0.65 x VCCI
0.65 x VCCI
1.40
V
CC11.60
0.65 x VCCI
0.65 x VCCI
1.65
V
CC11.95
0.65 x VCCI
0.65 x VCCI
2.30
V
CC12.70
1.6
1.6
3.00
V
CC13.60
2.1
2.1
VIL
LOW Level
Input
1.0 to 3.6
1.0
0.35 x VCCI
0.35 x VCCI
V
1.10
V
CC11.30
0.35 x VCCI
0.35 x VCCI
1.40
V
CC11.60
0.35 x VCCI
0.35 x VCCI
1.65
V
CC11.95
0.35 x VCCI
0.35 x VCCI
2.30
V
CC12.70
0.7
0.7
3.00
V
CC13.60
0.9
0.9
VOH
HIGH Level
Output (VCC)
IOH=-20µA
1.0
1.0 to 3.6
VCC-0.1
VCC-0.1
V
1.10
V
CC11.30
VCC-0.1
VCC-0.1
1.40
V
CC11.60
VCC-0.1
VCC-0.1
1.65
V
CC11.95
VCC-0.1
VCC-0.1
2.30
V
CC12.70
VCC-0.1
VCC-0.1
3.00
V
CC13.60
VCC-0.1
VCC-0.1
IOH=-0.5mA
1.10
V
CC11.30
1.0 to 3.6
0.75 x VCC
0.70 x VCC
IOH=-1.0mA
1.40
V
CC11.60
1.07
0.99
IOH=-1.5mA
1.65
V
CC11.95
1.24
1.22
IOH=-2.1mA
2.30
V
CC12.70
1.95
1.87
IOH=-2.6mA
3.00
V
CC13.60
2.61
2.55
VOL
LOW Level
Output
IOL=20µA
1.0
1.0 to 3.6
0.1
0.1
V
1.10
V
CC11.30
0.1
0.1
1.40
V
CC11.60
0.1
0.1
1.65
V
CC11.95
0.1
0.1
2.30
V
CC12.70
0.1
0.1
IOL=0.5mA
1.10
V
CC11.30
1.0 to 3.6
0.30 x VCC
0.30 x VCC
IOL=1.0mA
1.40
V
CC11.60
0.31
0.37
IOL=1.5mA
1.65
V
CC1 1.95
0.31
0.35
IOL=2.1mA
2.30
V
CC12.70
0.31
0.33
IOL=2.6mA
3.00
V
CC13.60
0.31
0.33
IIN
Input
Leakage
Current
0
V
IN
3.60
1.0 to 3.6
±0.1
±1.0
µA
IOFF
Power Off
Leakage
Current
0
(V
IN, VO)
3.60
0
0
1.0
5.0
µA
ICC
Quiescent
Supply
Current
VIN=VCC or
GND
1.0 to 3.6
1.0 to 3.6
0.9
5.0
µA
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com