Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FXLP34
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FXLP34 Datasheet HTML 2Page - ON Semiconductor FXLP34 Datasheet HTML 3Page - ON Semiconductor FXLP34 Datasheet HTML 4Page - ON Semiconductor FXLP34 Datasheet HTML 5Page - ON Semiconductor FXLP34 Datasheet HTML 6Page - ON Semiconductor FXLP34 Datasheet HTML 7Page - ON Semiconductor FXLP34 Datasheet HTML 8Page - ON Semiconductor FXLP34 Datasheet HTML 9Page - ON Semiconductor FXLP34 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
5
AC Electrical Characteristics
Symbol
Parameter
Condition
VCC1 (V)
TA=+25°C
TA=-40 to +85°C
Unit
Figure
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.0
CL=10pF,
RL=1M
1.0
26.0
ns
Figure 3,
Figure 4
1.10 to 1.30
15.0
25.0
38.1
12.0
43.3
1.40 to 1.60
14.0
24.0
36.7
11.0
42.0
1.65 to 1.95
13.0
23.0
36.0
10.0
41.4
2.30 to 2.70
12.0
22.0
35.5
9.0
40.9
3.00 to 3.60
11.0
21.0
35.5
8.0
40.6
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.2
CL=10pF,
RL=1M
1.0
18.0
ns
Figure 3,
Figure 4
1.10 to 1.30
8.0
15.0
23.2
6.0
41.0
1.40 to 1.60
7.5
14.0
21.7
5.5
39.1
1.65 to 1.95
7.0
13.0
20.9
5.0
32.3
2.30 to 2.70
6.5
12.0
20.4
4.5
29.6
3.00 to 3.60
6.0
12.0
20.2
4.0
29.4
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.5
CL=10pF,
RL=1M
1.0
14.0
ns
Figure 3,
Figure 4
1.10 to 1.30
5.0
11.0
16.3
4.0
20.6
1.40 to 1.60
4.8
10.0
14.8
3.5
19.3
1.65 to 1.95
4.5
9.0
14.1
3.0
18.7
2.30 to 2.70
4.0
8.0
13.5
2.5
18.0
3.00 to 3.60
3.5
8.0
13.3
2.0
17.8
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=1.8
CL=10pF,
RL=1M
1.0
13.0
ns
Figure 3,
Figure 4
1.10 to 1.30
4.0
9.0
13.5
3.0
17.5
1.40 to 1.60
3.5
8.0
12.0
2.5
16.3
1.65 to 1.95
3.0
7.0
11.3
2.0
15.6
2.30 to 2.70
2.5
6.0
10.7
1.5
15.0
3.00 to 3.60
2.5
6.0
10.5
1.0
14.7
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=2.5
CL=10pF,
RL=1M
1.0
12.0
ns
Figure 3,
Figure 4
1.10 to 1.30
3.0
7.0
10.9
2.5
14.3
1.40 to 1.60
2.5
6.0
9.4
2.0
13.1
1.65 to 1.95
2.0
5.0
8.6
1.5
11.4
2.30 to 2.70
1.5
4.0
8.0
1.0
10.8
3.00 to 3.60
1.5
4.0
7.8
1.0
10.5
tPHL, tPLH
Propagation
Delay Output
Translation
VCC(V)=3.3
CL=10pF,
RL=1M
1.0
11.0
ns
Figure 3,
Figure 4
1.10 to 1.30
3.0
6.0
10.1
2.0
13.8
1.40 to 1.60
2.5
5.0
8.2
1.5
10.5
1.65 to 1.95
2.0
4.0
7.4
1.0
9.9
2.30 to 2.70
1.0
3.0
6.8
1.0
9.2
3.00 to 3.60
1.0
3.0
6.6
1.0
9.0
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com