Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP34 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FXLP34
Description  Single Bit Uni-Directional Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP34 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FXLP34 Datasheet HTML 5Page - ON Semiconductor FXLP34 Datasheet HTML 6Page - ON Semiconductor FXLP34 Datasheet HTML 7Page - ON Semiconductor FXLP34 Datasheet HTML 8Page - ON Semiconductor FXLP34 Datasheet HTML 9Page - ON Semiconductor FXLP34 Datasheet HTML 10Page - ON Semiconductor FXLP34 Datasheet HTML 11Page - ON Semiconductor FXLP34 Datasheet HTML 12Page - ON Semiconductor FXLP34 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
8
Translator Power-up Sequence Recommendations
To ensure that the system does not experience
unnecessary ICC current draw, bus contention, or
oscillations during power-up; adhere to the following
guidelines. This device is designed with the output pin(s)
supplied by VCC and the input pin(s) supplied by VCC1.
The first recommendation is to begin by powering up the
input side of the device with VCC1. The Input pin(s)
should be ramped with or ahead of VCC1 or held LOW.
This guards against bus contentions and oscillations as
all inputs and the input VCC1 are powered at the same
time. The output VCC can then be powered to the target
voltage level to which the device will translate. The
output pin(s) then translate to logic levels dictated by the
output VCC levels.
Upon completion of these steps, the device can be
configured for the desired operation. Following these
steps helps prevent possible damage to the translator
device as well as other system components.
AC Loadings and Waveforms
Figure 3. AC Test Circuit
Figure 4. Waveform for Inverting and Non-Inverting Functions
Table 1.
AC Load Table
Symbol
VCC
3.3V ±0.3V
2.5V ±0.2V
1.8V ±0.15V
1.5V ±0.10V
1.2V ±0.10V
1.0V
Vmi
1.5V
VCC1/2
VCC1/2
VCC1/2
VCC1/2
VCC1/2
Vmo
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com